Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV1616RSD-7SI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1LV1616RSD-7SI
Description  16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RSD-7SI Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1LV1616RSD-7SI Datasheet HTML 4Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 5Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 6Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 9Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 10Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 11Page - Renesas Technology Corp R1LV1616RSD-7SI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
R1LV1616RBA Series
REJ03C0340-0001 Rev.0.01 2007.10.31
page 8 of 14
Write Cycle
Note0. 55ns parts can be supported under the condition of the input timing limitation toward SRAM on
customer’s system. Please contact our sales office in your region, in case of the inquiry for 55ns parts.
In case of tAA =70ns, tRC =70ns.
1.
tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. AT any given temperature and voltage condition,
tHZ max is less than tLZ min both for a given device and
form device to device.
4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE# and a low LB# or a low UB#.
A write begins at the latest transition among CS1# going low, CS2 going high, WE# going low and LB#
going low or UB# going low .
A write ends at the earliest transition among CS1# going high, CS2 going low, WE# going high and LB#
going high or UB# going high.
tWP is measured from the beginning of write to the end of write.
5.
tCW is measured from the later of CS1# going low or CS2 going high to end of write.
6.
tAS is measured the address valid to the beginning of write.
7.
tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle.
Parameter
Symbol
Vcc=2.7V to 3.6V
Unit
Notes
Min.
Max.
Write cycle time
tWC
55
-
ns
Address valid to end of write
tAW
50
-
ns
Chip selection to end of write
tCW
55
-
ns
5
Write pulse width
tWP
40
-
ns
4
LB#,UB# valid to end of write
tBW
50
-
ns
Address setup time
tAS
0
-
ns
6
Write recovery time
tWR
0
-
ns
7
Data to write time overlap
tDW
25
-
ns
Data hold from write time
tDH
0
-
ns
Output active from end of write
tOW
5
-
ns
2
Output disable to output in high-Z
tOHZ
0
20
ns
1,2
Write to output in high-Z
tWHZ
0
20
ns
1,2


Similar Part No. - R1LV1616RSD-7SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RSD-7SI RENESAS-R1LV1616RSD-7SI Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
R1LV1616RSD-7SI RENESAS-R1LV1616RSD-7SI Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
More results

Similar Description - R1LV1616RSD-7SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com