Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK296ZQ-TL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 3SK296ZQ-TL-E
Description  Silicon N-Channel Dual Gate MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3SK296ZQ-TL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

  3SK296ZQ-TL-E Datasheet HTML 1Page - Renesas Technology Corp 3SK296ZQ-TL-E Datasheet HTML 2Page - Renesas Technology Corp 3SK296ZQ-TL-E Datasheet HTML 3Page - Renesas Technology Corp 3SK296ZQ-TL-E Datasheet HTML 4Page - Renesas Technology Corp 3SK296ZQ-TL-E Datasheet HTML 5Page - Renesas Technology Corp 3SK296ZQ-TL-E Datasheet HTML 6Page - Renesas Technology Corp 3SK296ZQ-TL-E Datasheet HTML 7Page - Renesas Technology Corp 3SK296ZQ-TL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3SK296
Rev.3.00 Aug 10, 2005 page 6 of 7
S Parameter
(VDS = 4 V, VG2S = 3 V, ID = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
Freq.
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.999
–6.1
1.98
172.2
0.00094
79.2
0.989
–4.2
150
0.998
–9.1
1.97
168.4
0.00189
80.4
0.987
–6.1
200
0.992
–11.9
1.96
165.0
0.00230
79.5
0.986
–7.9
250
0.988
–14.8
1.96
161.0
0.00286
79.9
0.984
–9.8
300
0.985
–17.9
1.94
157.1
0.00364
75.2
0.981
–11.5
350
0.976
–20.6
1.92
153.7
0.00353
71.8
0.978
–13.4
400
0.971
–23.2
1.91
149.9
0.00419
70.7
0.975
–15.2
450
0.964
–26.3
1.88
146.8
0.00495
65.5
0.972
–17.2
500
0.961
–29.1
1.87
142.8
0.00509
62.7
0.968
–19.1
550
0.951
–32.2
1.86
139.4
0.00530
66.6
0.963
–20.8
600
0.949
–35.0
1.86
136.1
0.00550
63.8
0.960
–22.8
650
0.935
–37.6
1.81
132.9
0.00601
58.2
0.956
–24.5
700
0.933
–40.5
1.78
129.4
0.00582
60.6
0.950
–26.3
750
0.923
–42.9
1.77
125.7
0.00572
58.5
0.945
–28.0
800
0.916
–45.8
1.75
122.6
0.00553
56.3
0.941
–29.9
850
0.908
–49.0
1.72
119.1
0.00514
56.3
0.936
–31.7
900
0.900
–51.2
1.70
115.8
0.00543
52.9
0.930
–33.4
950
0.890
–54.0
1.67
112.6
0.00506
52.4
0.924
–35.2
1000
0.876
–56.4
1.65
109.3
0.00469
51.9
0.919
–37.0


Similar Part No. - 3SK296ZQ-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK296 HITACHI-3SK296 Datasheet
50Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
More results

Similar Description - 3SK296ZQ-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com