Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS3DPF20V Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS3DPF20V
Description  DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET??POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPF20V Datasheet(HTML) 2 Page - STMicroelectronics

  STS3DPF20V Datasheet HTML 1Page - STMicroelectronics STS3DPF20V Datasheet HTML 2Page - STMicroelectronics STS3DPF20V Datasheet HTML 3Page - STMicroelectronics STS3DPF20V Datasheet HTML 4Page - STMicroelectronics STS3DPF20V Datasheet HTML 5Page - STMicroelectronics STS3DPF20V Datasheet HTML 6Page - STMicroelectronics STS3DPF20V Datasheet HTML 7Page - STMicroelectronics STS3DPF20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS3DPF20V
2/8
THERMAL DATA
(*) When Mounted on 0.5 in2 pad of 2 oz.copper
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (*)
DYNAMIC
Rthj-amb
Tj
Tstg
(*)Thermal Resistance Junction-ambient
Single Operation
Dual Operating
Thermal Operating Junction-ambient
Storage Temperature
62.5
78
-55 to150
-55 to 150
°C/W
°C/W
°C
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
20
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 12 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
0.6
V
RDS(on)
Static Drain-source On
Resistance
VGS = 4.5 V
ID = 1.5 A
VGS = 2.7 V
ID = 1.5 A
0.090
0.100
0.110
0.135
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS= 15 V
ID =2 A
7.5
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
500
140
30
pF
pF
pF


Similar Part No. - STS3DPF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPF30L STMICROELECTRONICS-STS3DPF30L Datasheet
72Kb / 5P
   DUAL P - CHANNEL 30V - 0.145ohm - 3A SO-8 STripFETO POWER MOSFET
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
   DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
   P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
   P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
   P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
More results

Similar Description - STS3DPF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
   P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
   DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
   DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
   DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
   P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
   P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
STS3DPFS45 STMICROELECTRONICS-STS3DPFS45 Datasheet
263Kb / 8P
   P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
   P-CHANNEL 20V - 0.045??- 5A SO-8 STripFET??II MOSFET
September 2004 Rev. 2
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
   DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com