Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I1LV3216ISD-7SI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # I1LV3216ISD-7SI
Description  32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

I1LV3216ISD-7SI Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button I1LV3216ISD-7SI Datasheet HTML 3Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 4Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 5Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 6Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 7Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 8Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 9Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 10Page - Renesas Technology Corp I1LV3216ISD-7SI Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
R1LV3216R Series
Preliminary
REJ03C0367-0001, Rev.0.01, 2008.03.24
Page 7 of 16
Capacitance
(Ta =25°C, f =1MHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Note
Input capacitance
C in
-
-
10
pF
Vin =0V
1
Input / output capacitance
C I/O
-
-
10
pF
V I/O =0V
1
Note1.This parameter is sampled and not 100% tested.
AC Characteristics
Test Conditions (Vcc = 2.7V ~ 3.6V, Ta = 0 ~ +70°C / -40 ~ +85°C
*1)
• Input pulse levels: VIL = 0.4V, VIH = 2.4V
• Input rise and fall time: 5ns
• Input and output timing reference level: 1.4V
• Output load: See figures (Including scope and jig)
Note1. Ambient temperature range depends on R/I-version. Please see table on page 1.
DQ
1.4V
RL = 500 ohm
CL = 30 pF


Similar Description - I1LV3216ISD-7SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMWV6416A RENESAS-RMWV6416A Datasheet
300Kb / 16P
   64Mb Advanced LPSRAM (4M word × 16bit / 8M word x 8bit)
2018.12.26
R1WV6416R RENESAS-R1WV6416R Datasheet
202Kb / 18P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com