Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30825MW-XXXGP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M30825MW-XXXGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30825MW-XXXGP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M30825MW-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 10Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 11Page - Renesas Technology Corp M30825MW-XXXGP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
0
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
2
.
1
.
v
e
R
page 8
p
u
o
r
G
2
8
/
C
2
3
M
1. Overview
1.5 Pin Assignments
Figures 1.4 to 1.6 show pin assignments (top view).
Figure 1.4 Pin Assignment for 144-Pin Package
50
49
48
47
46
45
44
43
42
41
40
39
38
37
56
55
54
53
52
51
62
61
60
59
58
57
68
67
66
65
64
63
72
71
70
69
131
132
133
134
135
136
137
138
139
140
141
142
143
144
125
126
127
128
129
130
119
120
121
122
123
124
113
114
115
116
117
118
109
110
111
112
M32C/82 GROUP
144P6Q-A
D8 / P10
AN07 / D7 / P07
AN06 / D6 / P06
AN05 / D5 / P05
AN04 / D4 / P04
P114
OUTC13 / P113
BE1IN / ISRxD1 / OUTC12 / INPC12 / P112
ISCLK1 / OUTC11 / INPC11 / P111
BE1OUT / ISTxD1 / OUTC10 / P110
AN03 / D3 / P03
AN02 / D2 / P02
AN01 / D1 / P01
AN00 / D0 / P00
INPC07 / AN157 / P157
INPC06 / AN156 / P156
OUTC05 / INPC05 / AN155 / P155
OUTC04 / INPC04 / AN154 / P154
INPC03 / AN153 / P153
BE0IN / ISRxD0 / INPC02 / AN152 / P152
ISCLK0 / OUTC01 / INPC01 / AN151 / P151
Vss
BE0OUT / ISTxD0 / OUTC00 / INPC00 / AN150 / P150
Vcc
KI3 / AN7 / P107
KI2 / AN6 / P106
KI1 / AN5 / P105
KI0 / AN4 / P104
AN3 / P103
AN2 / P102
AN1 / P101
AVss
AN0 / P100
VREF
AVcc
STxD4 / SCL4 / RxD4 / ADTRG / P97
P44 / CS3 / A20 (MA12)
P45 / CS2 / A21
P46 / CS1 / A22
P47 / CS0 / A23
P125
P126
P127
P50 / WRL / WR / CASL
P51 / WRH / BHE / CASH
P52 / RD / DW
P53 / CLKOUT / BCLK / ALE
P130 / OUTC24
P131 / OUTC25
Vcc
P132 / OUTC26
Vss
P133 / OUTC23
P54 / HLDA / ALE
P55 / HOLD
P56 / ALE / RAS
P57 / RDY
P134 / OUTC20 / ISTxD2 / IEOUT
P135 / OUTC22 / ISRxD2 / IEIN
P136 / OUTC21 / ISCLK2
P137 / OUTC27
P60 / CTS0 / RTS0 / SS0
P61 / CLK0
P62 / RxD0 / SCL0 / STxD0
P63 / TxD0 / SDA0 / SRxD0
P64(1)
P65 / CLK1
Vss
P66 / RxD1 / SCL1 / STxD1
Vcc
P67 / TxD1 / SDA1 / SRxD1
P70(2, 3)
NOTES:
1. P64 / CTS1 / RTS1 / SS1 / OUTC21 / ISCLK2
2. P70 / TA0OUT / TxD2 / SDA2 / SRxD2 / OUTC20 / ISTxD2 / IEOUT
3. P70 and P71 are ports for the N-channel open drain output.


Similar Part No. - M30825MW-XXXGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30800FCFP MITSUBISHI-M30800FCFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FCGP MITSUBISHI-M30800FCGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGFP MITSUBISHI-M30800FGFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGGP MITSUBISHI-M30800FGGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800MC MITSUBISHI-M30800MC Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
More results

Similar Description - M30825MW-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C RENESAS-M32C_15 Datasheet
952Kb / 87P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C82 RENESAS-M32C82_15 Datasheet
941Kb / 84P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C84 RENESAS-M32C84_15 Datasheet
910Kb / 91P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C85 RENESAS-32C85 Datasheet
816Kb / 92P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C88T RENESAS-32C88T Datasheet
382Kb / 59P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C85 RENESAS-M32C85_15 Datasheet
930Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C83 RENESAS-32C83 Datasheet
840Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C81 RENESAS-32C81 Datasheet
869Kb / 85P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C86 RENESAS-32C86 Datasheet
561Kb / 69P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com