Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30622MGP-XXXGP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M30622MGP-XXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30622MGP-XXXGP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M30622MGP-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 10Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 11Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 12Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 13Page - Renesas Technology Corp M30622MGP-XXXGP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
1. Overview
Rev.2.41
Jan 10, 2006
Page 10 of 96
REJ03B0001-0241
(D): Under development
(P): Under planning
NOTES:
1. The old package type numbers of each package type are as follows.
PLQP0128KB-A : 128P6Q-A,
PRQP0100JB-A : 100P6S-A,
PLQP0100KB-A : 100P6Q-A,
PRQP0080JA-A : 80P6S-A
2. In the flash memory version, there is 4K bytes area (block A).
Table 1.7
Product List (4) (V version (M16C/62PT))
As of Dec. 2005
Type No.
ROM Capacity
RAM
Capacity
Package Type(1)
Remarks
M3062CM6V-XXXFP
(P)
48 Kbytes
4 Kbytes
PRQP0100JB-A
Mask ROM
version
V Version
(High reliability
125
°C version)
M3062CM6V-XXXGP (P)
PLQP0100KB-A
M3062EM6V-XXXGP
(P)
PRQP0080JA-A
M3062CM8V-XXXFP
(P)
64 Kbytes
4 Kbytes
PRQP0100JB-A
M3062CM8V-XXXGP (P)
PLQP0100KB-A
M3062EM8V-XXXGP
(P)
PRQP0080JA-A
M3062CMAV-XXXFP
(P)
96 Kbytes
5 Kbytes
PRQP0100JB-A
M3062CMAV-XXXGP (P)
PLQP0100KB-A
M3062EMAV-XXXGP (P)
PRQP0080JA-A
M3062AMCV-XXXFP
(D) 128 Kbytes
10 Kbytes PRQP0100JB-A
M3062AMCV-XXXGP (D)
PLQP0100KB-A
M3062BMCV-XXXGP (P)
PRQP0080JA-A
M3062AFCVFP
(D) 128K+4 Kbytes 10 Kbytes PRQP0100JB-A
Flash
memory
version (2)
M3062AFCVGP
(D)
PLQP0100KB-A
M3062BFCVGP
(P)
PRQP0080JA-A
M3062JFHVFP
(P)
384K+4 Kbytes 31 Kbytes PRQP0100JB-A
M3062JFHVGP
(P)
PLQP0100KB-A


Similar Part No. - M30622MGP-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622MGP-XXXGP RENESAS-M30622MGP-XXXGP Datasheet
831Kb / 87P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30622MGP-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com