Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C83 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 3Page - Renesas Technology Corp 32C83 Datasheet HTML 4Page - Renesas Technology Corp 32C83 Datasheet HTML 5Page - Renesas Technology Corp 32C83 Datasheet HTML 6Page - Renesas Technology Corp 32C83 Datasheet HTML 7Page - Renesas Technology Corp 32C83 Datasheet HTML 8Page - Renesas Technology Corp 32C83 Datasheet HTML 9Page - Renesas Technology Corp 32C83 Datasheet HTML 10Page - Renesas Technology Corp 32C83 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Page 7
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
BYTE
CNVSS
XCIN/VCONT
XCOUT
RESET
XOUT
VSS
XIN
VCC
VCC
VSS
P96
P95
P94
P93
P92
P91
P90
P146
P145
P144
P143
P142
P141
P140
P87
P86
P85
P84
P83
P82
P81
P80
P77
P76
P75
P74
P73
P72
P71
P70
P67
P66
P65
P64
P63
P62
P61
P60
P137
NMI
INT2
INT1
INT0
TB4IN
TB3IN
TB2IN
TB1IN
TB0IN
TA4IN/U
TA4OUT/U
TA3IN
TA3OUT
TA2IN/W
TA2OUT/W
TA1IN/V
TA1OUT/V
TB5IN/TA0IN
TA0OUT
TxD4/SDA4/SRxD4
CLK4
CTS4/RTS4/SS4
CTS3/RTS3/SS3
TxD3/SDA3/SRxD3
RxD3/SCL3/STxD3
CLK3
CANIN
CANOUT
CANIN
CANOUT
CTS2/RTS2/SS2
CLK2
RxD2/SCL2/STxD2
TxD2/SDA2/SRxD2
TxD1/SDA1/SRxD1
RxD1/SCL1/STxD1
CLK1
CTS1/RTS1/SS1
TxD0/SDA0/SRxD0
RxD0/SCL0/STxD0
CLK0
CTS0/RTS0/SS0
OUTC20/IEOUT/ISTxD2
IEIN/ISRxD2
INPC17/OUTC17
INPC16/OUTC16
OUTC15
OUTC14
OUTC32/ISRxD3
OUTC30/ISTxD3
INPC02/ISRxD0/BE0IN
INPC01/OUTC01/ISCLK0
INPC00/OUTC00/ISTxD0/BE0OUT
INPC12/OUTC12/ISRxD1/BE1IN
INPC11/OUTC11/ISCLK1
OUTC10/ISTxD1/BE1OUT
OUTC22/ISRxD2/IEIN
OUTC20/ISTxD2/IEOUT
OUTC21/ISCLK2
OUTC27
ANEX1
ANEX0
DA1
DA0
Intelligent I/O Pin
Bus Control Pin(1)
Analog
Pin
Interrupt
Pin
Pin
No
Control
Pin
Port
Timer Pin
UART/CAN Pin
NOTES:
1. Bus control pins in M32C/83T cannot be used.
Table 1.4 Pin Characteristics for 144-Pin Package


Similar Part No. - 32C83

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C81 RENESAS-32C81 Datasheet
869Kb / 85P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C82 RENESAS-32C82 Datasheet
840Kb / 82P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C85 RENESAS-32C85 Datasheet
816Kb / 92P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results

Similar Description - 32C83

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C RENESAS-M32C_15 Datasheet
952Kb / 87P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C82 RENESAS-M32C82_15 Datasheet
941Kb / 84P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C84 RENESAS-M32C84_15 Datasheet
910Kb / 91P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C85 RENESAS-32C85 Datasheet
816Kb / 92P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C88T RENESAS-32C88T Datasheet
382Kb / 59P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C85 RENESAS-M32C85_15 Datasheet
930Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C81 RENESAS-32C81 Datasheet
869Kb / 85P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C86 RENESAS-32C86 Datasheet
561Kb / 69P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com