Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M30833FJFP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M30833FJFP Datasheet HTML 7Page - Renesas Technology Corp M30833FJFP Datasheet HTML 8Page - Renesas Technology Corp M30833FJFP Datasheet HTML 9Page - Renesas Technology Corp M30833FJFP Datasheet HTML 10Page - Renesas Technology Corp M30833FJFP Datasheet HTML 11Page - Renesas Technology Corp M30833FJFP Datasheet HTML 12Page - Renesas Technology Corp M30833FJFP Datasheet HTML 13Page - Renesas Technology Corp M30833FJFP Datasheet HTML 14Page - Renesas Technology Corp M30833FJFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Page 11
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
30
29
28
27
26
76
77
78
79
80
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
P42 / A18 ( MA10 )
P43 / A19 ( MA11 )
P44 / CS3 / A20 (MA12)
P45 / CS2 / A21
P46 / CS1 / A22
P47 / CS0 / A23
P50 / WRL / WR / CASL
P51 / WRH / BHE / CASH
P52 / RD / DW
P53 / CLKOUT / BCLK / ALE
P54 / HLDA / ALE
P55 / HOLD
P56 / ALE / RAS
P57 / RDY
P60 / CTS0 / RTS0 / SS0
P61 / CLK0
P62 / RxD0 / SCL0 / STxD0
P63 / TxD0 / SDA0 / SRxD0
P64(1)
P65 / CLK1
P66 / RxD1 / SCL1 / STxD1
P67 / TxD1 / SDA1 / SRxD1
P70(2, 4)
P71(3, 4)
P72 / TA1OUT / V / CLK2
D10 / P12
D9 / P11
D8 / P10
D7 / AN07 / P07
D6 / AN06 / P06
D5 / AN05 / P05
D4 / AN04 / P04
D3 / AN03 / P03
D2 / AN02 / P02
D1 / AN01 / P01
D0 / AN00 / P00
KI3 / AN37 / P107
KI2 / AN36 / P106
KI1 / AN35 / P105
KI0 / AN34 / P104
AN33 / P103
AN32 / P102
AN31 / P101
AVss
AN30 / P100
VREF
AVcc
STxD4 / SCL4 / RxD4 / ADTRG / P97
SRxD4 / SDA4 / TxD4 / ANEX1 / P96
CLK4 / ANEX0 / P95
M32C/83 GROUP
(M32C/83, M32C/83T)
PLQP0100KB-A
(100P6Q-A)
NOTES:
1. P64 / CTS1 / RTS1 / SS1 / OUTC21 / ISCLK2
2. P70 / TA0OUT / TxD2 / SDA2 / SRxD2 / OUTC20 / ISTxD2 / IEOUT
3. P71 / TA0IN / TB5IN / RxD2 / SCL2 / STxD2 / OUTC22 / ISRxD2 / IEIN
4. P70 and P71 are ports for the N-channel open drain output.
Figure 1.5 Pin Assignment for 100-Pin Package


Similar Part No. - M30833FJFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30800FCFP MITSUBISHI-M30800FCFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FCGP MITSUBISHI-M30800FCGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGFP MITSUBISHI-M30800FGFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGGP MITSUBISHI-M30800FGGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800MC MITSUBISHI-M30800MC Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
More results

Similar Description - M30833FJFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C RENESAS-M32C_15 Datasheet
952Kb / 87P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C82 RENESAS-M32C82_15 Datasheet
941Kb / 84P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C84 RENESAS-M32C84_15 Datasheet
910Kb / 91P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C85 RENESAS-32C85 Datasheet
816Kb / 92P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C88T RENESAS-32C88T Datasheet
382Kb / 59P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C85 RENESAS-M32C85_15 Datasheet
930Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C81 RENESAS-32C81 Datasheet
869Kb / 85P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C86 RENESAS-32C86 Datasheet
561Kb / 69P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com