Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5544YZ-TR-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5544YZ-TR-E
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5544YZ-TR-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5544YZ-TR-E Datasheet HTML 1Page - Renesas Technology Corp 2SC5544YZ-TR-E Datasheet HTML 2Page - Renesas Technology Corp 2SC5544YZ-TR-E Datasheet HTML 3Page - Renesas Technology Corp 2SC5544YZ-TR-E Datasheet HTML 4Page - Renesas Technology Corp 2SC5544YZ-TR-E Datasheet HTML 5Page - Renesas Technology Corp 2SC5544YZ-TR-E Datasheet HTML 6Page - Renesas Technology Corp 2SC5544YZ-TR-E Datasheet HTML 7Page - Renesas Technology Corp 2SC5544YZ-TR-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5544
Rev.2.00 Aug 10, 2005 page 5 of 7
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.8
–.4
–.2
–.6
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 4 / div.
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
30
°
0
°
–120
°
Scale: 0.04 / div.
60
°
90
°
120
°
150
°
180
°
–150
°
–90
°
–60
°
–30
°
30
°
0
°
–120
°
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Condition :
100 to 2000 MHz (100 MHz step)
C
CE
V
= 1 V , I
= 5mA
Condition :
100 to 2000 MHz (100 MHz step)
Condition :
100 to 2000 MHz (100 MHz step)
Condition :
100 to 2000 MHz (100 MHz step)
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
CE
V
= 1 V , I
= 5mA
CE
V
= 1 V , I
= 5mA
CE
V
= 1 V , I
= 5mA
C
C
C


Similar Part No. - 2SC5544YZ-TR-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5544 HITACHI-2SC5544 Datasheet
46Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results

Similar Description - 2SC5544YZ-TR-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
logo
Renesas Technology Corp
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
   Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5555 RENESAS-2SC5555 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com