Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306H3MC-XXXFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M306H3MC-XXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
Download  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H3MC-XXXFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M306H3MC-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M306H3MC-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 325 page
background image
Rev.1.00
2004.03.23
page 1 of 320
M306H3MC-XXXFP/FCFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
REJ03B0086-0100Z
Rev.1.00
2004.03.23
1. DESCRIPTION
The M306H3MC-XXXFP/FCFP is single-chip microcomputer using the high-performance silicon gate
CMOS process using a M16C/60 Series CPU core and is packaged in a 116-pin plastic molded QFP. This
single-chip microcomputer operates using sophisticated instructions featuring a high level of instruction
efficiency. With 1M bytes of address space, this is capable of executing instructions at high speed. This
also features a built-in data acquisition circuit, making this correspondence to Teletext broadcasting service.
1.1 Features
• Memory capacity .................................. <ROM>128K bytes
<RAM>5K bytes
• Shortest instruction execution time ...... 100 ns (f(XIN)=10 MHz)
• Supply voltage ..................................... 4.75 V to 5.25V(at f(XIN)=10 MHz)
2.60V to 5.25V(at f(XCIN)=32kHZ, only in low power dissipation mode)
• Interrupts .............................................. 25 internal and 8 external interrupt sources, 4 software
interrupt sources; 7 levels (Including key input interrupt)
• Multifunction 16-bit timer ...................... 5 output timers + 6 input timers
• Serial I/O .............................................. 5 channels
UART/clock synchronous: 3
Clock synchronous: 2
• DMAC .................................................. 2 channels (trigger: 24 sources)
• A-D converter ....................................... 8 bits X 8 channels (Expandable up to 10 channels)
• CRC calculation circuit ......................... 1 circuit
• Watchdog timer .................................... 1 line
• Programmable I/O ............................... 87 lines
• Input port ..............................................
_______
1 port (P85 shared with NMI pin)
• Output port ........................................... 1 port (P11 shared with SLICEON pin)
• Chip select output ................................ 4 lines
• Clock generating circuit ....................... 2 built-in circuits
(built-in feedback resistor and external ceramic or crystal oscillator)
• Data acquisition circuit ......................... For PDC, VPS, EPG-J, XDS and WSS
1.2 Applications
DVD recorder, HDD recorder


Similar Part No. - M306H3MC-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
M306H2FCFP RENESAS-M306H2FCFP Datasheet
3Mb / 251P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H2MC RENESAS-M306H2MC Datasheet
3Mb / 210P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H2MC-XXXFP RENESAS-M306H2MC-XXXFP Datasheet
3Mb / 210P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H5FGFP RENESAS-M306H5FGFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
More results

Similar Description - M306H3MC-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306H2FCFP RENESAS-M306H2FCFP Datasheet
3Mb / 251P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H2MC-XXXFP RENESAS-M306H2MC-XXXFP Datasheet
3Mb / 210P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H7MG-XXXFP RENESAS-M306H7MG-XXXFP Datasheet
2Mb / 329P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com