Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5555ZD-TR-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5555ZD-TR-E
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5555ZD-TR-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5555ZD-TR-E Datasheet HTML 1Page - Renesas Technology Corp 2SC5555ZD-TR-E Datasheet HTML 2Page - Renesas Technology Corp 2SC5555ZD-TR-E Datasheet HTML 3Page - Renesas Technology Corp 2SC5555ZD-TR-E Datasheet HTML 4Page - Renesas Technology Corp 2SC5555ZD-TR-E Datasheet HTML 5Page - Renesas Technology Corp 2SC5555ZD-TR-E Datasheet HTML 6Page - Renesas Technology Corp 2SC5555ZD-TR-E Datasheet HTML 7Page - Renesas Technology Corp 2SC5555ZD-TR-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.3.00 Nov 14, 2006 page 1 of 7
2SC5555
Silicon NPN Epitaxial
VHF / UHF wide band amplifier
REJ03G0748-0300
Rev.3.00
Nov 14, 2006
Features
• Super compact package;
(1.4
× 0.8 × 0.59 mm)
• Capable low voltage operation;
(VCE = 1 V)
Outline
1. Emitter
2. Base
3. Collector
1
3
2
RENESAS Package code: PUSF0003ZA-A
(Package name: MFPAK R )
Note: Marking is “ZD-”.
*MFPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
8
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector power dissipation
Pc
80
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SC5555ZD-TR-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5555 HITACHI-2SC5555 Datasheet
46Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results

Similar Description - 2SC5555ZD-TR-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
logo
Renesas Technology Corp
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
   Silicon NPN Epitaxial VHF / UHF Wide band amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com