Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5628XZ-TL-E Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5628XZ-TL-E
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5628XZ-TL-E Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5628XZ-TL-E Datasheet HTML 2Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 3Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 4Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 5Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 6Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 7Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 8Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 9Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SC5628
Rev.3.00 Aug 10, 2005 page 9 of 9
Package Dimensions
A
D
E
L
HE
LP
A2
A1
A
c
A
A
b
xS
A
M
S
e
e
b2
I1
e1
Pattern of terminal position areas
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
x
b2
e1
I1
0.55
0
0.55
0.15
0.1
1.35
0.7
1.15
0.1
0.15
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
0.22
0.2
0.13
0.11
1.4
0.8
0.45
1.2
0.2
0.75
0.6
0.01
0.59
0.3
0.15
1.45
0.9
1.25
0.3
0.45
0.05
0.35
0.5
SC-89 Modified
0.0016g
MASS[Typ.]
MFPAK / MFPAKV
PUSF0003ZA-A
RENESAS Code
JEITA Package Code
Package Name
b
A-A Section
b1
c1
c
Ordering Information
Part Name
Quantity
Shipping Container
2SC5628XZ-TL-E
9000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Similar Part No. - 2SC5628XZ-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
More results

Similar Description - 2SC5628XZ-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5702 HITACHI-2SC5702 Datasheet
109Kb / 16P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
2SC5975 RENESAS-2SC5975 Datasheet
238Kb / 18P
   SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
2SC5894 RENESAS-2SC5894 Datasheet
129Kb / 10P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
logo
Hitachi Semiconductor
2SC5390 HITACHI-2SC5390 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial High Frequency Amplifier
2SC3652 HITACHI-2SC3652 Datasheet
342Kb / 3P
   SILICON NPN EPITAXIAL HIGH FREQUENCY AMPLIFIER
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
   HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com