Electronic Components Datasheet Search |
|
PSD4135G3V-B-90UI Datasheet(PDF) 11 Page - STMicroelectronics |
|
PSD4135G3V-B-90UI Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 93 page PSD4000 Series Preliminary Information 8 The following table describes the pin names and pin functions of the PSD4000. Pins that have multiple names and/or functions are defined using PSDsoft. 6.0 Table 5. PSD4000 Pin Descriptions Pin* (TQFP Pin Name Pkg.) Type Description ADIO0-7 3-7 I/O This is the lower Address/Data port. Connect your MCU 10-12 address or address/data bus according to the following rules: 1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the lower address bits, connect AD[0:7] to this port. 2. If your MCU does not have a multiplexed address/data bus, connect A[0:7] to this port. 3. If you are using an 80C51XA in burst mode, connect A4/D0 through A11/D7 to this port. ALE or AS latches the address. The PSD drives data out only if the read signal is active and one of the PSD functional blocks was selected. The addresses on this port are passed to the PLDs. ADIO8-15 13-20 I/O This is the upper Address/Data port. Connect your MCU address or address/data bus according to the following rules: 1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the upper address bits, connect AD[8:15] to this port. 2. If your MCU does not have a multiplexed address/data bus, connect A[8:15] to this port. 3. If you are using an 80C51XA in burst mode, connect A12/D8 through A19/D15 to this port. ALE or AS latches the address. The PSD drives data out only if the read signal is active and one of the PSD functional blocks was selected. The addresses on this port are passed to the PLDs. CNTL0 59 I The following control signals can be connected to this port, based on your MCU: 1. WR — active-low write input. 2. R_W — active-high read/active low write input. 3. WRL — Write to low byte, active low This pin is connected to the PLDs. Therefore, these signals can be used in decode and other logic equations. CNTL1 60 I The following control signals can be connected to this port, based on your MCU: 1. RD — active-low read input. 2. E — E clock input. 3. DS — active-low data strobe input. 4. LDS — Strobe for low data byte, active low. This pin is connected to the PLDs. Therefore, these signals can be used in decode and other logic equations. CNTL2 40 I Read or other Control input pin with multiple configurations. Depending on the MCU interface selected, this pin can be: 1. PSEN — Program Select enable, active low in code fetch bus cycle (80C51XA mode) 2. BHE — High byte enable. 3. UDS — Strobe for high data byte, 16-bit data bus mode, active low. 4. SIZ0 — Byte enable input. 5. LSTRB — Low strobe input. This pin is also connected to PLD as input. |
Similar Part No. - PSD4135G3V-B-90UI |
|
Similar Description - PSD4135G3V-B-90UI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |