Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1368CCTL-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SD1368CCTL-E
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1368CCTL-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SD1368CCTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SD1368CCTL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1368
Rev.2.00 Aug 10, 2005 page 2 of 5
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
100
V
IC = 10
µA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
50
V
IC = 1 mA, RBE =
Emitter to base breakdown voltage
V(BR)EBO
6
V
IE = 10
µA, IC = 0
Collector cutoff current
ICBO
0.1
µA
VCB = 80 V, IE = 0
Emitter cutoff current
IEBO
0.1
µA
VEB = 4 V, IC = 0
DC current transfer ratio
hFE*
1
160
500
VCE = 2 V, IC = 0.1 A
Collector to emitter saturation voltage
VCE(sat)
0.3
V
IC = 1 A, IB = 0.1 A, Pulse
Base to emitter saturation voltage
VBE(sat)
1.2
V
IC = 1 A, IB = 0.1 A, Pulse
Gain bandwidth product
fT
100
MHz
VCE = 2 V, IC = 10 mA, Pulse
Collector output capacitance
Cob
20
pF
VCB = 10 V, IE = 0, f = 1 MHz
Note:
1. The 2SD1368 is grouped by hFE as follows.
Mark
CB
CC
hFE
160 to 320
250 to 500


Similar Part No. - 2SD1368CCTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1368 HITACHI-2SD1368 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1368 KEXIN-2SD1368 Datasheet
51Kb / 1P
   Silicon NPN Epitaxial
2SD1368-A KEXIN-2SD1368-A Datasheet
421Kb / 2P
   NPN Transistors
2SD1368-A-HF KEXIN-2SD1368-A-HF Datasheet
738Kb / 2P
   NPN Transistors
2SD1368-B KEXIN-2SD1368-B Datasheet
421Kb / 2P
   NPN Transistors
More results

Similar Description - 2SD1368CCTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com