Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ451 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SJ451
Description  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ451 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SJ451 Datasheet HTML 1Page - Renesas Technology Corp 2SJ451 Datasheet HTML 2Page - Renesas Technology Corp 2SJ451 Datasheet HTML 3Page - Renesas Technology Corp 2SJ451 Datasheet HTML 4Page - Renesas Technology Corp 2SJ451 Datasheet HTML 5Page - Renesas Technology Corp 2SJ451 Datasheet HTML 6Page - Renesas Technology Corp 2SJ451 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SJ451
REJ03G864-0400 Rev.4.00 Sep 07, 2007
Page 2 of 6
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
–20
V
ID = –100
µA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
V
IG =
±100 µA, VDS = 0
Zero gate voltage drain current
IDSS
–1.0
µA
VDS = –16 V, VGS = 0
Gate to source leak current
IGSS
±2.0
µA
VGS =
±16 V, VDS = 0
Gate to source cutoff voltage
VGS (off)
–0.5
–1.5
V
ID = –10
µA, VDS = –5 V
RDS (on) 1
2.3
3.5
ID = –100 mA, VGS = –4 V
Note 2
Static drain to source on state resistance
RDS (on) 2
5.0
9.0
ID = –40 mA, VGS = –2.5 V
Note 2
Forward transfer admittance
|yfs|
0.13
0.23
S
ID = –100 mA, VDS = –10 V
Note 2
Input capacitance
Ciss
2.4
pF
Output capacitance
Coss
31
pF
Reverse transfer capacitance
Crss
0.6
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
170
ns
Rise time
tr
680
ns
Turn-off delay time
td (off)
3.0
µs
Fall time
tf
2.8
µs
ID = –0.1 A
VGS = –10 V
RL = 100
Note:
2. Pulse test


Similar Part No. - 2SJ451

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ451 HITACHI-2SJ451 Datasheet
40Kb / 8P
   Silicon P-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ451ZK-TL-E VBSEMI-2SJ451ZK-TL-E Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SJ451

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com