Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q5A3636ABG60RB0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1Q5A3636ABG60RB0
Description  36-Mbit QDR?줚I SRAM 2-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q5A3636ABG60RB0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1Q5A3636ABG60RB0 Datasheet HTML 1Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 2Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 3Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 4Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 5Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 6Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 7Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 8Page - Renesas Technology Corp R1Q5A3636ABG60RB0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
R1Q2A3636B/R1Q2A3618B/R1Q2A3609B
REJ03C0341-0003 Rev.0.03 Apr. 11, 2008
Page 4 of 24
R1Q2A3609B series
1
2
3
4
5
6
7
8
9
10
11
A
/CQ
VSS
SA
/W
NC
/K
NC
/R
SA
SA
CQ
B
NC
NC
NC
SA
NC
K
/BW
SA
NC
NC
Q4
C
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
D4
D
NC
D5
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q5
VDDQ
VSS
VSS
VSS
VDDQ
NC
D3
Q3
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D6
Q6
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
/DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q2
D2
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q7
D7
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q1
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D1
N
NC
D8
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q8
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
/C
SA
SA
SA
TMS
TDI
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs (i.e. 72Mb
→ 144Mb →288Mb): (9A → 3A → 10A)
→ 2A → 7A → 5B.


Similar Part No. - R1Q5A3636ABG60RB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q5A3636BBG-33R RENESAS-R1Q5A3636BBG-33R Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q5A3636BBG-40R RENESAS-R1Q5A3636BBG-40R Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q5A3636BBG-50R RENESAS-R1Q5A3636BBG-50R Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q5A3636BBG-60R RENESAS-R1Q5A3636BBG-60R Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
More results

Similar Description - R1Q5A3636ABG60RB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com