Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q5A3618BBG-33R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1Q5A3618BBG-33R
Description  36-Mbit DDRII SRAM 4-word Burst
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q5A3618BBG-33R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1Q5A3618BBG-33R Datasheet HTML 7Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 8Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 9Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 10Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 11Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 12Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 13Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 14Page - Renesas Technology Corp R1Q5A3618BBG-33R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
R1Q5A3636B/R1Q5A3618B
REJ03C0344-0003 Rev.0.03 Apr.11, 2008
page 11 of 23
Parameter
Symbol
Min
Max
Unit
Test conditions
Notes
Input leakage current
ILI
−2
2
µA
10
Output leakage current
ILO
−5
5
µA
11
Output high voltage
VOH (Low)
VDDQ
−0.2
VDDQ
V
|IOH|
≤ 0.1 mA
8, 9
VOH
VDDQ/2
−0.08
VDDQ/2 +0.08
V
Note 6
8, 9
Output low voltage
VOL (Low)
VSS
0.2
V
IOL
≤ 0.1 mA
8, 9
VOL
VDDQ/2
−0.08
VDDQ/2 +0.08
V
Note 7
8, 9
Notes: 1. All inputs (except ZQ, VREF) are held at either VIH or VIL.
2. IOUT = 0 mA. VDD = VDD max, tKHKH = tKHKH min.
3. Operating supply currents are measured at 100% bus utilization.
4. All address / data inputs are static at either VIN > VIH or VIN < VIL.
5. Reference value (Condition=NOP currents are valid when entering NOP after all pending READ and WRITE
cycles are completed.)
6. Outputs are impedance-controlled. |IOH| = (VDDQ/2)/(RQ/5) for values of 175
Ω ≤ RQ ≤ 350 Ω.
7. Outputs are impedance-controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175
Ω ≤ RQ ≤ 350 Ω.
8. AC load current is higher than the shown DC values. AC I/O curves are available upon request.
9. HSTL outputs meet JEDEC HSTL Class I standards.
10. 0
≤ VIN ≤ VDDQ for all input balls (except VREF, ZQ, TCK, TMS, TDI ball).
11. 0
≤ VOUT ≤ VDDQ (except TDO ball), output disabled.
Thermal Resistance
Parameter
Symbol
Typ
Unit
Notes
Junction to Ambient
θJA
24.5
°C/W
Junction to Case
θJC
5.6
°C/W
Note:
These parameters are calculated under the condition of wind velocity = 1 m/s.
Capacitance
(Ta = +25°C, f=1.0MHz, VDD = 1.8V, VDDQ = 1.5V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Notes
Input capacitance
CIN
2
3
pF
VIN = 0 V
1, 2
Clock input capacitance
CCLK
2
3
pF
VCLK = 0 V
1, 2
Input/output capacitance (D, Q, ZQ)
CI/O
3
4.5
pF
VI/O = 0 V
1, 2
Notes: 1. These parameters are sampled and not 100% tested.
2. Except JTAG (TCK, TMS, TDI, TDO) pins.
AC Test Conditions
(Ta = 0 to +70°C, VDD = 1.8V ±0.1V)
Input waveform (Rise/fall time
≤ 0.3 ns)
1.25 V
0.25 V
0.75 V
0.75 V
Test points


Similar Part No. - R1Q5A3618BBG-33R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q5A3618ABG40RB0 RENESAS-R1Q5A3618ABG40RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3618ABG40RS0 RENESAS-R1Q5A3618ABG40RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3618ABG40RT0 RENESAS-R1Q5A3618ABG40RT0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3618ABG50RB0 RENESAS-R1Q5A3618ABG50RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3618ABG50RS0 RENESAS-R1Q5A3618ABG50RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
More results

Similar Description - R1Q5A3618BBG-33R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBG RENESAS-R1QBA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBG RENESAS-R1QHA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB_15 Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB_15 Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com