Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A15908SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A15908SP
Description  5 Input Selector 2ch Electronic Volume with Tone & Surround
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A15908SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A15908SP Datasheet HTML 1Page - Renesas Technology Corp R2A15908SP Datasheet HTML 2Page - Renesas Technology Corp R2A15908SP Datasheet HTML 3Page - Renesas Technology Corp R2A15908SP Datasheet HTML 4Page - Renesas Technology Corp R2A15908SP Datasheet HTML 5Page - Renesas Technology Corp R2A15908SP Datasheet HTML 6Page - Renesas Technology Corp R2A15908SP Datasheet HTML 7Page - Renesas Technology Corp R2A15908SP Datasheet HTML 8Page - Renesas Technology Corp R2A15908SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REJ03F0270-0100 Rev.1.00 Jan 25, 2008
Page 1 of 13
R2A15908SP
5 Input Selector 2ch Electronic Volume with Tone & Surround
REJ03F0270-0100
Rev.1.00
Jan 25, 2008
Description
The R2A15908SP is an optimum audio signal processor IC for TV. It has a 5ch input selector with mono switch,
surround, tone control (2band), input gain control and 2ch master volume. It can control all of these functions with I2C
bus.
Features
• Volume 0 to –87dB, –∞ / 1dB step
Each channel is independent control.
• 5 input selector + MUTE with mono switch
• Input gain control 0dB to +20dB / 2dB step
• Tone control Bass : –14dB to +14dB / 2dB step
Treble : – 14dB to +14dB / 2dB step
• Surround Low / High
• Mode selector Bypass / Tone / Tone & Surround
• I
2C-bus control
• Package SOP with 28 pin
Application
• Mini stereo, TV, etc.
Recommended Operating Condition
• Supply voltage …… V
CC = 9.0V (typ)
System Configuration
ROUT
LOUT
IN R2
IN R3
Surround
Tone Control
(Bass / Treble)
Mode
Selector
MCU
SDA
SCL
VolumeL
IN R1
IN L2
IN L1
IN L3
Input Gain
Control
VCC=9V
IN L4
IN R4
VolumeR
Input Gain
Control
Mode
Selector
IN L5
IN R5
Mono
/Stereo
+
+


Similar Part No. - R2A15908SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2A15112 ETC1-R2A15112 Datasheet
194Kb / 1P
   R2A15112 / R2A15112FP / TQFP 8 Pin / Renesas
R2A15112FP ETC1-R2A15112FP Datasheet
194Kb / 1P
   R2A15112 / R2A15112FP / TQFP 8 Pin / Renesas
logo
Renesas Technology Corp
R2A15120FA RENESAS-R2A15120FA Datasheet
56Kb / 1P
   R2A15120 QFP 48Pin / 15W / 8 Ohm / BTL 2ch D class power amplifier
More results

Similar Description - R2A15908SP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost 51diff Input Selector
logo
Renesas Technology Corp
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
New Japan Radio
NJW1194 NJRC-NJW1194 Datasheet
77Kb / 4P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR AND TONE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com