Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30245F8GP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M30245F8GP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245F8GP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M30245F8GP Datasheet HTML 3Page - Renesas Technology Corp M30245F8GP Datasheet HTML 4Page - Renesas Technology Corp M30245F8GP Datasheet HTML 5Page - Renesas Technology Corp M30245F8GP Datasheet HTML 6Page - Renesas Technology Corp M30245F8GP Datasheet HTML 7Page - Renesas Technology Corp M30245F8GP Datasheet HTML 8Page - Renesas Technology Corp M30245F8GP Datasheet HTML 9Page - Renesas Technology Corp M30245F8GP Datasheet HTML 10Page - Renesas Technology Corp M30245F8GP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 266 page
background image
Rev.2.00
Oct 16, 2006
page 7 of 264
M30245 Group
Description
REJ03B0005-0200
Table 1.2 Pin cross reference
52
P40
A16
53
P37
A15
54
P36
A14
55
P35
A13
56
P34
A12
57
P33
A11
58
P32
A10
59
P31
A9
60
Vcc
61
P30
A8
62
Vss
63
P27
A7
64
P26
A6
65
P25
A5
66
P24
A4
67
P23
A3
68
P22
A2
69
P21
A1
70
P20
A0
71
P17
D15
72
P16
D14
73
P15
D13
74
P14
D12
75
P13
D11
76
P12
D10
77
P11
D9
78
P10
D8
79
P07
D7
80
P06
D6
81
P05
D5
82
P04
D4
83
P03
D3
84
P02
D2
85
P01
D1
86
P00
D0
87
P107
KI7
AN7
88
P106
KI6
AN6
89
P105
KI5
AN5
90
P104
KI4
AN4
91
P103
KI3
AN3
92
P102
KI2
AN2
93
P101
KI1
AN1
94
AVss
95
LPF
96
VREF
97
AVcc
98
P100
KI0
AN0
99
P93
ADTRG
100
P92
SOF
Pin
No.
Control
Port
Interrupt
Timer
UART/
USB
SPI
I
2C
Serial Sound
Interface
Analog/
Other
Bus Control
AND_SC
AND_WE
AND_OE
AND_DATA7
AND_DATA6
AND_DATA5
AND_DATA4
AND_DATA3
AND_DATA2
AND_DATA1
AND_DATA0


Similar Part No. - M30245F8GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30245F8-XXXFP MITSUBISHI-M30245F8-XXXFP Datasheet
98Kb / 13P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245F8-XXXGP MITSUBISHI-M30245F8-XXXGP Datasheet
98Kb / 13P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30245F8GP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com