Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKV608KP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKV608KP
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKV608KP Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKV608KP Datasheet HTML 1Page - Renesas Technology Corp RKV608KP Datasheet HTML 2Page - Renesas Technology Corp RKV608KP Datasheet HTML 3Page - Renesas Technology Corp RKV608KP Datasheet HTML 4Page - Renesas Technology Corp RKV608KP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKV608KP
REJ03G1525-0100 Rev.1.00 Dec 17, 2007
Page 3 of 4
Main Characteristic
016
20
10
–6
10
–8
10
–10
48
12
10
–13
10
–12
10
–11
10
–7
10
–9
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
5
4
2
1
3
0
15
2
34
6
0
f = 1MHz
7
0.7
0.3
0
01
5
0.1
0.4
0.5
0.6
f = 470MHz
23
4
0.2
0.8


Similar Part No. - RKV608KP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKV608KL RENESAS-RKV608KL Datasheet
61Kb / 5P
   Variable Capacitance Diode for VCO
More results

Similar Description - RKV608KP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
   Variable Capacitance Diode for VCO
logo
Leshan Radio Company
HVC369B LRC-HVC369B Datasheet
41Kb / 2P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVL400C RENESAS-HVL400C Datasheet
50Kb / 5P
   Variable Capacitance Diode for VCO
HVL375B RENESAS-HVL375B Datasheet
65Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD369B HITACHI-HVD369B Datasheet
35Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC386B RENESAS-HVC386B Datasheet
139Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD355B HITACHI-HVD355B Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
HVC379B HITACHI-HVC379B Datasheet
20Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVD350B RENESAS-HVD350B Datasheet
141Kb / 5P
   Variable Capacitance Diode for VCO
HVC381B RENESAS-HVC381B Datasheet
140Kb / 5P
   Variable Capacitance Diode for VCO
HVC397C RENESAS-HVC397C Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com