Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D22G7XXXFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M38D22G7XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D22G7XXXFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M38D22G7XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 12Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 13Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 14Page - Renesas Technology Corp M38D22G7XXXFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 11 of 131
REJ03B0177-0302
38D2 Group
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 38D2 Group uses the standard 740 Family instruction set.
Refer to the 740 Family Software Manual for details on the
instruction set.
Machine-resident 740 Family instructions are as follows:
The FST and SLW instructions cannot be used.
The STP, WIT, MUL, and DIV instructions can be used.
The central processing unit (CPU) has six registers. Figure 5
shows the 740 Family CPU register structure.
[Accumulator (A)]
The accumulator is an 8-bit register. Data operations such as
arithmetic data transfer, etc., are executed mainly through the
accumulator.
[Index Register X (X)]
The index register X is an 8-bit register. In the index addressing
modes, the value of the OPERAND is added to the contents of
register X and specifies the real address.
[Index Register Y (Y)]
The index register Y is an 8-bit register. In partial instruction, the
value of the OPERAND is added to the contents of register Y
and specifies the real address.
[Stack Pointer (S)]
The stack pointer is an 8-bit register used during subroutine calls
and interrupts. This register indicates start address of stored area
(stack) for storing registers during subroutine calls and
interrupts.
The low-order 8 bits of the stack address are determined by the
contents of the stack pointer. The high-order 8 bits of the stack
address are determined by the stack page selection bit. If the
stack page selection bit is “0”, the high-order 8 bits becomes
“0016”. If the stack page selection bit is “1”, the high-order 8 bits
becomes “0116”.
The operations of pushing register contents onto the stack and
popping them from the stack are shown in Figure 6.
Table 6 shows the push and pop instructions of accumulator or
processor status register.
Store registers other than those described in Figure 6 with
program when the user needs them during interrupts or
subroutine calls.
[Program Counter (PC)]
The program counter is a 16-bit counter consisting of two 8-bit
registers PCH and PCL. It is used to indicate the address of the
next instruction to be executed.
Fig. 5 740 Family CPU register structure
Processor status register (PS)
Carry flag
Zero flag
Interrupt disable flag
Decimal mode flag
Break flag
Index X mode flag
Overflow flag
Negative flag
b7
b0
b15
Program counter
Stack pointer
Index register Y
Index register X
Accumulator
A
X
Y
S
PCL
PCH
C
Z
I
D
B
T
V
N
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0


Similar Part No. - M38D22G7XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D50F1-XXXFP RENESAS-M38D50F1-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1-XXXHP RENESAS-M38D50F1-XXXHP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXFP RENESAS-M38D50F1XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXHP RENESAS-M38D50F1XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F2-XXXFP RENESAS-M38D50F2-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D22G7XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com