Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ2B3KD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKZ2B3KD
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ2B3KD Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKZ2B3KD Datasheet HTML 1Page - Renesas Technology Corp RKZ2B3KD Datasheet HTML 2Page - Renesas Technology Corp RKZ2B3KD Datasheet HTML 3Page - Renesas Technology Corp RKZ2B3KD Datasheet HTML 4Page - Renesas Technology Corp RKZ2B3KD Datasheet HTML 5Page - Renesas Technology Corp RKZ2B3KD Datasheet HTML 6Page - Renesas Technology Corp RKZ2B3KD Datasheet HTML 7Page - Renesas Technology Corp RKZ2B3KD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RKZ-KD Series
REJ03G1264-0200 Rev.2.00 May 09, 2008
Page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
500
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–55 to +175
°C
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (μA)
Test
Condition
rd (Ω)
Test
Condition
Part No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
RKZ2B1KD
1.9
2.1
RKZ2B2KD
2.0
2.2
RKZ2B3KD
2.1
2.3
RKZ2C1KD
2.2
2.4
RKZ2C2KD
2.3
2.5
RKZ2C3KD
2.4
2.6
5
5
0.5
100
5
RKZ3A1KD
2.5
2.7
RKZ3A2KD
2.6
2.8
RKZ3A3KD
2.7
2.9
RKZ3B1KD
2.8
3.0
RKZ3B2KD
2.9
3.1
RKZ3B3KD
3.0
3.2
RKZ3C1KD
3.1
3.3
RKZ3C2KD
3.2
3.4
RKZ3C3KD
3.3
3.5
5
5
0.5
100
5
RKZ4A1KD
3.4
3.6
RKZ4A2KD
3.5
3.7
RKZ4A3KD
3.6
3.8
RKZ4B1KD
3.7
3.9
RKZ4B2KD
3.8
4.0
RKZ4B3KD
3.9
4.1
RKZ4C1KD
4.0
4.2
RKZ4C2KD
4.1
4.3
RKZ4C3KD
4.2
4.4
5
5
1.0
100
5
RKZ5A1KD
4.3
4.5
RKZ5A2KD
4.4
4.6
RKZ5A3KD
4.5
4.7
RKZ5B1KD
4.6
4.8
RKZ5B2KD
4.7
4.9
RKZ5B3KD
4.8
5.0
RKZ5C1KD
4.9
5.1
RKZ5C2KD
5.0
5.2
RKZ5C3KD
5.1
5.3
5
5
1.5
100
5
Note:
1. Tested with DC.


Similar Part No. - RKZ2B3KD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ2.0BKJ RENESAS-RKZ2.0BKJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ2.2BKJ RENESAS-RKZ2.2BKJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ2.4BKJ RENESAS-RKZ2.4BKJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ2.4BKU RENESAS-RKZ2.4BKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results

Similar Description - RKZ2B3KD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com