Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNB4580F Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RNB4580F
Description  Dual Low Noise Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNB4580F Datasheet(HTML) 1 Page - Renesas Technology Corp

  RNB4580F Datasheet HTML 1Page - Renesas Technology Corp RNB4580F Datasheet HTML 2Page - Renesas Technology Corp RNB4580F Datasheet HTML 3Page - Renesas Technology Corp RNB4580F Datasheet HTML 4Page - Renesas Technology Corp RNB4580F Datasheet HTML 5Page - Renesas Technology Corp RNB4580F Datasheet HTML 6Page - Renesas Technology Corp RNB4580F Datasheet HTML 7Page - Renesas Technology Corp RNB4580F Datasheet HTML 8Page - Renesas Technology Corp RNB4580F Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.1.00 Dec 25, 2006 page 1 of 8
RNB4580 Series
Dual Low Noise Operational Amplifier
REA03D0004-0100
Rev.1.00
Dec 25, 2006
Description
RNB4580 is dual bipolar low noise amplifiers designed for audio systems to improve tone control, audio pre-amplifier
and industrial measurement tools. It also suitable for head phone amplifier at higher output current.
This product features internal frequency compensation, low noise, low distortion, high gain and high bandwidth. It also
can operate under dual power supply voltage up to ±18 V or single power supply up to 36 V.
The IC can be applied for the handy type set operational amplifier of general purpose in application of low voltage
single supply type, which is properly biased of the input low voltage source.
Features
• Wide bandwidth: 15 MHz
• High speed: 7 V/µs
• Low input noise voltage: 0.7 µVrms
• Large DC voltage gain: 110 dB
• Operating voltage: ±2 V to ±18 V
• Package outline available in Pb free lead frame:
DP-8
SOP-8 (JEITA)
SOP-8 (JEDEC)
Applications
• Audio AC-3 decoder system
• Audio amplifier
• Pre-amp
• Active filter
Ordering Information
Type No.
Application
Package Code (Package Name)
RNB4580
PRDP0008AF-B (DP-8FV)
RNB4580F
PRSP0008DE-B (FP-8DGV)
RNB4580RP
Commercial use
PRSP0008DD-C (FP-8DCV)
Note:
This product is designed for consumer use and not for automotive.


Similar Part No. - RNB4580F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
More results

Similar Description - RNB4580F

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com