Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQA0001DNS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RQA0001DNS
Description  Silicon N-Channel MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0001DNS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RQA0001DNS Datasheet HTML 2Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 3Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 4Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 5Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 6Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 7Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 8Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 9Page - Renesas Technology Corp RQA0001DNS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RQA0001DNS
Rev.3.00 Oct 11, 2006 page 6 of 12
Scale: 5 / div.
Scale: 0.01 / div.
Condition: VDS = 6V, IDQ = 200 mA, Zo = 50 Ω
100 to 1000 MHz (50 MHz Step)
1000 to 2500 MHz (200 MHz Step)
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Condition: VDS = 6V, IDQ = 200 mA, Zo = 50 Ω
100 to 1000 MHz (50 MHz Step)
1000 to 2500 MHz (200 MHz Step)
Condition: VDS = 6V, IDQ = 200 mA, Zo = 50 Ω
100 to 1000 MHz (50 MHz Step)
1000 to 2500 MHz (200 MHz Step)
Condition: VDS = 6V, IDQ = 200 mA, Zo = 50 Ω
100 to 1000 MHz (50 MHz Step)
1000 to 2500 MHz (200 MHz Step)
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10


Similar Part No. - RQA0001DNS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0002DNS RENESAS-RQA0002DNS Datasheet
195Kb / 18P
   Silicon N-Channel MOS FET
RQA0002DNSTB-E RENESAS-RQA0002DNSTB-E Datasheet
195Kb / 18P
   Silicon N-Channel MOS FET
RQA0003DNS RENESAS-RQA0003DNS Datasheet
243Kb / 13P
   Silicon N-Channel MOS FET
RQA0003DNSTR-E RENESAS-RQA0003DNSTR-E Datasheet
243Kb / 13P
   Silicon N-Channel MOS FET
RQA0004LXAQS RENESAS-RQA0004LXAQS Datasheet
163Kb / 13P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0001DNS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com