Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ5.6B2KJ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKZ5.6B2KJ
Description  Silicon Planar Zener Diode for Surge Absorption and Stabilizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ5.6B2KJ Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKZ5.6B2KJ Datasheet HTML 1Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 2Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 3Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 4Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 5Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 6Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RKZ-KJ Series
REJ03G1588-0100 Rev.1.00 Sep 21, 2007
Page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
1
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
1. With P.C. Board.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
ESD-Capability *
2
VZ (V) *
1
Test
Condition
IR (μA)
Test
Condition
rd (Ω)
Test
Condition
— (kV) *
2
Part No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
Min
RKZ2.0BKJ
1.90
2.20
5
120
0.5
100
5
30
RKZ2.2BKJ
2.10
2.40
5
120
0.7
100
5
30
RKZ2.4BKJ
2.30
2.60
5
120
1.0
100
5
30
RKZ2.7B2KJ
2.65
2.90
5
120
1.0
110
5
30
RKZ3.0B2KJ
2.95
3.20
5
50
1.0
120
5
30
RKZ3.3B2KJ
3.25
3.50
5
20
1.0
130
5
30
RKZ3.6B2KJ
3.55
3.80
5
10
1.0
130
5
30
RKZ3.9B2KJ
3.87
4.10
5
10
1.0
130
5
30
RKZ4.3B2KJ
4.15
4.34
5
10
1.0
130
5
30
RKZ4.7B2KJ
4.55
4.75
5
10
1.0
130
5
30
RKZ5.1B2KJ
4.98
5.20
5
5
1.5
130
5
30
RKZ5.6B2KJ
5.49
5.73
5
5
2.5
80
5
30
RKZ6.2B2KJ
6.06
6.33
5
2
3.0
50
5
30
RKZ6.8B2KJ
6.65
6.93
5
2
3.5
30
5
30
RKZ7.5B2KJ
7.28
7.60
5
2
4.0
30
5
30
RKZ8.2B2KJ
8.02
8.36
5
2
5.0
30
5
30
RKZ9.1B2KJ
8.85
9.23
5
2
6.0
30
5
30
RKZ10B2KJ
9.77
10.21
5
2
7.0
30
5
30
RKZ11B2KJ
10.76
11.22
5
2
8.0
30
5
30
RKZ12B2KJ
11.74
12.24
5
2
9.0
35
5
30
RKZ13B2KJ
12.91
13.49
5
2
10.0
35
5
30
RKZ15B2KJ
14.34
14.98
5
2
11.0
40
5
25
RKZ16B2KJ
15.85
16.51
5
2
12.0
40
5
25
RKZ18B2KJ
17.56
18.35
5
2
13.0
45
5
25
RKZ20B2KJ
19.52
20.39
5
2
15.0
50
5
20
RKZ22B2KJ
21.54
22.47
5
2
17.0
55
5
20
RKZ24B2KJ
23.72
24.78
5
2
19.0
60
5
15
RKZ27BKJ
25.10
28.90
2
2
21.0
70
2
15
RKZ30BKJ
28.00
32.00
2
2
23.0
80
2
13
RKZ33BKJ
31.00
35.00
2
2
25.0
80
2
8
RKZ36BKJ
34.00
38.00
2
2
27.0
90
2
8
Notes: 1. Tested with pulse (Pw = 40 ms).
2. C =150 pF, R = 330
Ω, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec
3. The material of lead is exposed for cutting plane. Therefore, soldering nature of lead tip part is considered as
unquestioned. Please kindly consider soldering nature.


Similar Part No. - RKZ5.6B2KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ5.6BKU RENESAS-RKZ5.6BKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ5.6BKV RENESAS-RKZ5.6BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ5.6BKV RENESAS-RKZ5.6BKV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
More results

Similar Description - RKZ5.6B2KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KK RENESAS-RKZ-KK Datasheet
75Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8Z4KT RENESAS-RKZ6.8Z4KT Datasheet
91Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com