Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQA0008NXTL-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RQA0008NXTL-E
Description  Silicon N-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0008NXTL-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  RQA0008NXTL-E Datasheet HTML 1Page - Renesas Technology Corp RQA0008NXTL-E Datasheet HTML 2Page - Renesas Technology Corp RQA0008NXTL-E Datasheet HTML 3Page - Renesas Technology Corp RQA0008NXTL-E Datasheet HTML 4Page - Renesas Technology Corp RQA0008NXTL-E Datasheet HTML 5Page - Renesas Technology Corp RQA0008NXTL-E Datasheet HTML 6Page - Renesas Technology Corp RQA0008NXTL-E Datasheet HTML 7Page - Renesas Technology Corp RQA0008NXTL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RQA0008NXAQS
REJ03G1569-0100 Rev.1.00 Jul 04, 2007
Page 2 of 7
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min.
Typ
Max.
Unit
Test Conditions
Zero gate voltage drain current
IDSS
10
µA
VDS = 16 V, VGS = 0
Gate to source leak current
IGSS
±2
µA
VGS = ±5 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
0.15
0.4
0.8
V
VDS = 6 V, ID = 1 mA
Forward Transfer Admittance
|yfs|
2.4
S
VDS = 6 V, ID = 1.2 A
Input capacitance
Ciss
44
pF
VGS = 5 V, VDS = 0, f = 1 MHz
Output capacitance
Coss
25
pF
VDS = 6 V, VGS = 0, f = 1 MHz
Reverse transfer capacitance
Crss
6.0
pF
VDG = 6 V, VGS = 0, f = 1 MHz
36
dBm
Output Power
Pout
3.98
W
Power Added Efficiency
PAE
65
%
VDS = 6 V, IDQ = 400 mA
f = 520 MHz, Pin = +20 dBm
Main Characteristics
0
50
100
150
200
0
0
0.4
0.8
1.2
1.6
2.0
0
1.0
1.5
2.0
2.5
3.0
0.5
VDS = 6 V
Pulse Test
ID
|yfs|
0
1
2
3
4
02468
10
5
1.5 V
2.0 V
3.0 V
VGS = 1.0 V
VDS = 6 V
Pulse Test
0.1
1
10
0.1
1
10
Maximum Channel Power
Dissipation Curve
Case Temperature TC (°C)
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Drain Current ID (A)
Forward Transfer Admittance
vs. Drain Current
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Pulse Test
2.5 V
12
10
6
2
4
8


Similar Part No. - RQA0008NXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0008RXDQS RENESAS-RQA0008RXDQS Datasheet
197Kb / 13P
   Silicon N-Channel MOS FET
RQA0008RXDQS RENESAS-RQA0008RXDQS_15 Datasheet
219Kb / 15P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0008NXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com