Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51A29FLP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RNA51A29FLP
Description  CMOS system.RESET IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51A29FLP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RNA51A29FLP Datasheet HTML 4Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 5Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 6Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 7Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 8Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 9Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 10Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 11Page - Renesas Technology Corp RNA51A29FLP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RNA51xx Series
REJ03D0505-0300 Rev.3.00 Oct 10, 2008
Page 11 of 11
Delay Time Graph
0.1
1
10
100
1000
0.1
1
10
100
1000
External Capacitor CD (nF)
Delay Time vs. External Capacitor
Note:
This graph shows simulation results.
Package Dimensions
D
e
A
Qc
AA
b
xS
A
A
A2
A1
M
E
L
HE
L1
LP
A3
yS
Pattern of terminal position areas
S
I1
b2
e
e1
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
y
b2
e1
I1
Q
1.0
0
1.0
0.35
0.11
2.8
1.5
2.5
0.3
0.1
0.2
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
2.95
1.6
0.95
2.8
2.15
0.3
1.4
0.1
1.3
0.5
0.26
3.1
1.8
3.0
0.7
0.5
0.6
0.05
0.05
0.55
0.85
SC-74A
0.015g
MASS[Typ.]
MPAK-5 / MPAK-5V
PLSP0005ZB-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
c
Package Name
MPAK-5


Similar Part No. - RNA51A29FLP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51943A RENESAS-RNA51943A Datasheet
86Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51943AUPH1 RENESAS-RNA51943AUPH1 Datasheet
86Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51943BUPH1 RENESAS-RNA51943BUPH1 Datasheet
86Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A Datasheet
84Kb / 7P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51A29FLP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA52A10MM RENESAS-RNA52A10MM_08 Datasheet
172Kb / 12P
   Dual CMOS system.RESET IC
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com