Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20112SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20112SP
Description  Critical Conduction Mode Interleaved PFC Control IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20112SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20112SP Datasheet HTML 1Page - Renesas Technology Corp R2A20112SP Datasheet HTML 2Page - Renesas Technology Corp R2A20112SP Datasheet HTML 3Page - Renesas Technology Corp R2A20112SP Datasheet HTML 4Page - Renesas Technology Corp R2A20112SP Datasheet HTML 5Page - Renesas Technology Corp R2A20112SP Datasheet HTML 6Page - Renesas Technology Corp R2A20112SP Datasheet HTML 7Page - Renesas Technology Corp R2A20112SP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
R2A20112SP/DD
REJ03D0904-0200 Rev.2.00 Nov 13, 2007
Page 3 of 7
Block Diagram
FB
S
R
Q
Q
S
R
Q
+
NC
FB
A
A
RT
OSC
0.8V ~ 6.4V
Clamp
OCP-M
Vzcd_lo = 1.5 V
300 mVhys
+
+
+
+
0.8V ~ 6.4V
Clamp
Vzcd_lo = 1.5 V
300 mVhys
ZCD-M
ZCD-S
Slave
Control
+ OSC
OCP-S
TIMER
VREF: 5 V
UVLO
ON: 10.5 V
OFF: 9.3 V
Ramp Low
detect
0.2 V
0.92 V
VCC
Iramp
GD Disable
COMP
Discharge
OVP BLOCK
OCP-M
OCP-S
0.3 V
OCP-M
OCP-S
NC
GD-S
PGND
GD-M
VCC
2.5 V
9.1 V
Error Amp
OCP COMP1
OCP COMP2
VREF
SGND
RAMP
COMP
FB
OVP BLOCK
FB open detect
GD Disable
COMP
Discharge
VFB
× 1.09 V/100 mVhys
0.5 V/0.2 Vhys
VFB
× 1.05 V
Static OVP
Dynamic OVP


Similar Part No. - R2A20112SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPW0 RENESAS-R2A20112SPW0 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
More results

Similar Description - R2A20112SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112ASP RENESAS-R2A20112ASP Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com