Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2J20601NP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R2J20601NP
Description  Driver - MOS FET Integrated SiP (DrMOS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20601NP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R2J20601NP Datasheet HTML 2Page - Renesas Technology Corp R2J20601NP Datasheet HTML 3Page - Renesas Technology Corp R2J20601NP Datasheet HTML 4Page - Renesas Technology Corp R2J20601NP Datasheet HTML 5Page - Renesas Technology Corp R2J20601NP Datasheet HTML 6Page - Renesas Technology Corp R2J20601NP Datasheet HTML 7Page - Renesas Technology Corp R2J20601NP Datasheet HTML 8Page - Renesas Technology Corp R2J20601NP Datasheet HTML 9Page - Renesas Technology Corp R2J20601NP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R2J20601NP
REJ03G0237-0700 Rev.7.00 Jun 30, 2008
Page 6 of 13
Typical Application
Reg5V
VCIN
BOOT
GH
CGND
VLDRV
+12 V
+5 V to 12 V
+12 V
+1.3 V
PGND
GL
DISBL#
PWM
VIN
VSWH
Reg5V
VCIN
BOOT
GH
CGND
VLDRV
PGND
GL
DISBL#
PWM
PWM
control
circuit
PWM2
PWM3
PWM1
PWM4
VIN
VSWH
Reg5V
VCIN
BOOT
GH
CGND
VLDRV
PGND
GL
DISBL#
PWM
VIN
VSWH
Signal
GND
Power
GND
Reg5V
VCIN
BOOT
GH
CGND
VLDRV
PGND
GL
DISBL#
PWM
VIN
VSWH
R2J20601NP
R2J20601NP
R2J20601NP
R2J20601NP


Similar Part No. - R2J20601NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
More results

Similar Description - R2J20601NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
   Integrated Driver - MOS FET (DrMOS)
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20605ANP RENESAS-R2J20605ANP Datasheet
161Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com