Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8A66153FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8A66153FP
Description  PROGRAMMABLE BUFFERED I/O EXPANDER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66153FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8A66153FP Datasheet HTML 1Page - Renesas Technology Corp R8A66153FP Datasheet HTML 2Page - Renesas Technology Corp R8A66153FP Datasheet HTML 3Page - Renesas Technology Corp R8A66153FP Datasheet HTML 4Page - Renesas Technology Corp R8A66153FP Datasheet HTML 5Page - Renesas Technology Corp R8A66153FP Datasheet HTML 6Page - Renesas Technology Corp R8A66153FP Datasheet HTML 7Page - Renesas Technology Corp R8A66153FP Datasheet HTML 8Page - Renesas Technology Corp R8A66153FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
R8A66153FP
REJ03F0260-0100 Rev.1.00
Jan.10.2008
.
Page 4 of 9
Port E and Port F
Port E and Port F are 8-bit high voltage output ports with Vo=24V/IOL=24mA. Output transistor is N-ch
open drain transistor.
When this port is selected, data bus data is written into the port latch by the positive edge of WR.
And if is set to output enable, port latch
Port G
Port G is a input port with CMOS schmitt trigger. When this port is selected and RD="L", input data is
appears to the data bus.
Table 1. Function Table
note: "0" means "L" level and "1" means "H" level.
FUNCTION
Data bus
Port A
Data bus
Port B
Data bus
Port C
Data bus
Port G
Data bus
Port E latch data
Data bus
Port F latch data
Port A
Data bus
Port B
Data bus
Port C
Data bus
Port E
Data bus
Port F
Data bus
Control register
Data bus
Data bus is in high impedance state
1
01
01
1
1
1
00
00
10
×1
1
00
00
01
0
××
1
1
0
1
0
0
1
RD
WR
00
A2
A1
A0
CS
0001
0
010
0
100
001
01
0
010
1
0001
001
××
1
1101
1


Similar Part No. - R8A66153FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66154SP RENESAS-R8A66154SP Datasheet
152Kb / 8P
   8-bit I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66155SP RENESAS-R8A66155SP Datasheet
178Kb / 8P
   16-bit I/O EXPANDER WITH LED DRIVE FUNCTION
More results

Similar Description - R8A66153FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66500SP MITSUBISHI-M66500SP Datasheet
562Kb / 11P
   PROGRAMMABLE BUFFERED I/0 EXPANDER
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
   I/O-Expander for Microcontroller
May, 2013 Ver.1.2
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com