Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8A66161DD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R8A66161DD
Description  16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66161DD Datasheet(HTML) 6 Page - Renesas Technology Corp

  R8A66161DD Datasheet HTML 1Page - Renesas Technology Corp R8A66161DD Datasheet HTML 2Page - Renesas Technology Corp R8A66161DD Datasheet HTML 3Page - Renesas Technology Corp R8A66161DD Datasheet HTML 4Page - Renesas Technology Corp R8A66161DD Datasheet HTML 5Page - Renesas Technology Corp R8A66161DD Datasheet HTML 6Page - Renesas Technology Corp R8A66161DD Datasheet HTML 7Page - Renesas Technology Corp R8A66161DD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
R8A66161DD/SP
REJ03F0262-0100 Rev.1.00 Jan.16.2008
page 6 of 7
TYPICAL CHARACTERISTICS
From top
to bottom
Duty Cycle-IOL Characteristics
Duty Cycle (%)
Duty Cycle (%)
Vcc=4.5V, Ta=
85℃
Vcc=4.5V, Ta=
25℃
0
20
40
60
80
100
Duty Cycle-IOL Characteristics
TIMING DIAGRAM
Repetition frequency > 10 Hz
Numbers in
indicate the number of output circuits that operate simultaneously.
Current values are per circuit.
CKS
SQP
tw
50%
50%
50%
tPLH
tPHL
50%
50%
VCC
GND
VOH
VOL
50%
50%
OE
50%
10%
tPZL
tPLZ
VOL
VCC
GND
CKL
50%
tPZL
tPLZ
50%
10%
VCC
GND
VOL
VOL
50%
50%
tsu
th
50%
CKS
A
VCC
GND
VCC
GND
50%
CKL
CKS
50%
50%
tsu
tw
VCC
GND
VCC
GND
CKS
SQP
QA ∼ QP
50%
50%
50%
50%
10%
VCC
GND
VOH
VOL
VCC
GND
VOL
R
tw
trec
tPHL
tPLZ
QA ∼ QP
QA ∼ QP
QA ∼ QP
CKS
SQP
tw
50%
50%
50%
tPLH
tPHL
50%
50%
VCC
GND
VOH
VOL
50%
50%
OE
50%
10%
tPZL
tPLZ
VOL
VCC
GND
CKL
50%
tPZL
tPLZ
50%
10%
VCC
GND
VOL
VOL
50%
50%
tsu
th
50%
CKS
A
VCC
GND
VCC
GND
50%
CKL
CKS
50%
50%
tsu
tw
VCC
GND
VCC
GND
CKS
SQP
QA ∼ QP
50%
50%
50%
50%
10%
VCC
GND
VOH
VOL
VCC
GND
VOL
R
tw
trec
tPHL
tPLZ
QA ∼ QP
QA ∼ QP
QA ∼ QP


Similar Part No. - R8A66161DD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66160SP RENESAS-R8A66160SP Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66165SP RENESAS-R8A66165SP Datasheet
431Kb / 11P
   n-BIT HIGH VOLTAGE OUTPUT LED DRIVER WITH SHIFT REGISTER AND LATCH
Dec. 15. 2008
R8A66166SP RENESAS-R8A66166SP Datasheet
431Kb / 11P
   n-BIT HIGH VOLTAGE OUTPUT LED DRIVER WITH SHIFT REGISTER AND LATCH
Dec. 15. 2008
More results

Similar Description - R8A66161DD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Renesas Technology Corp
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
logo
Mitsubishi Electric Sem...
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
   16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
   32-Bit LED Driver with Shift Register and Latch
logo
Mitsubishi Electric Sem...
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
   16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com