Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8A66597FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8A66597FP
Description  ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66597FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8A66597FP Datasheet HTML 1Page - Renesas Technology Corp R8A66597FP Datasheet HTML 2Page - Renesas Technology Corp R8A66597FP Datasheet HTML 3Page - Renesas Technology Corp R8A66597FP Datasheet HTML 4Page - Renesas Technology Corp R8A66597FP Datasheet HTML 5Page - Renesas Technology Corp R8A66597FP Datasheet HTML 6Page - Renesas Technology Corp R8A66597FP Datasheet HTML 7Page - Renesas Technology Corp R8A66597FP Datasheet HTML 8Page - Renesas Technology Corp R8A66597FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 185 page
background image
R8A66597FP/DFP/BG
Rev 1.01
Oc t 17, 2008
Page 4 of 183
Confidential
1.3 Package
1.3.1
Pin Layout
Figure 1.1 shows the pin layout (top view) for this controller.
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
61
40
DP0
62
39
DM0
63
38
GND
64
37
DP1
65
36
DM1
66
35
VCC
67
34
OVCUR0B
68
33
OVCUR0A
69
32
ID0
70
31
EXTLP0
71
30
VBO UT0
72
29
OVCUR1
73
28
VBO UT1
74
27
REFRIN
75
26
AGND
76
25
AVCC
77
24
XOUT
78
23
XIN
79
22
VCC
80
21
GND
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
R8A66597FP/DFP
TOP VIEW
GND
D5/AD5
D6/AD6
D13
D14
D7/AD7
VIF
GND
D8
D15
GND
D9
D10
D11
D12
D0
D1/AD1
D2/AD2
D3/AD3
D4/AD4
Figure 1.1 R8A66597FP/DFP Pin Layout
The “_N” in the signal name
indicates that the signal is in the
“L” active state.
Package
R8A66597 : PLQP0080LA-A : 80pinLQFP (0.4mm pitch)


Similar Part No. - R8A66597FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
More results

Similar Description - R8A66597FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
   ASSP (USB2.0 Device Controller)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com