Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQK0204TGDQA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RQK0204TGDQA
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0204TGDQA Datasheet(HTML) 1 Page - Renesas Technology Corp

  RQK0204TGDQA Datasheet HTML 1Page - Renesas Technology Corp RQK0204TGDQA Datasheet HTML 2Page - Renesas Technology Corp RQK0204TGDQA Datasheet HTML 3Page - Renesas Technology Corp RQK0204TGDQA Datasheet HTML 4Page - Renesas Technology Corp RQK0204TGDQA Datasheet HTML 5Page - Renesas Technology Corp RQK0204TGDQA Datasheet HTML 6Page - Renesas Technology Corp RQK0204TGDQA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00 Jun 12, 2006 page 1 of 6
RQK0204TGDQA
Silicon N Channel MOS FET
Power Switching
REJ03G1324-0300
Rev.3.00
Jun 12, 2006
Features
• Low on-resistance
RDS(on) = 100 m
Ω typ (V
GS = 4.5 V, ID = 1.2 A)
• Low drive current
• High speed switching
• 2.5 V gate drive
Outline
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
1. Source
2. Gate
3. Drain
S
D
G
2
2
1
1
3
3
Note:
Marking is “TG”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
20
V
Gate to source voltage
VGSS
±12
V
Drain current
ID
2.3
A
Drain peak current
ID(pulse)
Note1
8.0
A
Body - drain diode reverse drain current
IDR
2.3
A
Channel dissipation
Pch
Note2
0.8
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. When using the glass epoxy board (FR-4: 40 x 40 x 1 mm)


Similar Part No. - RQK0204TGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQK0204TGDQA RENESAS-RQK0204TGDQA Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0204TGDQATL-H RENESAS-RQK0204TGDQATL-H Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0204TGDQA RENESAS-RQK0204TGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0204TGDQA RENESAS-RQK0204TGDQA_15 Datasheet
182Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQK0204TGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com