Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC1G04 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RD74LVC1G04
Description  Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC1G04 Datasheet(HTML) 6 Page - Renesas Technology Corp

  RD74LVC1G04 Datasheet HTML 1Page - Renesas Technology Corp RD74LVC1G04 Datasheet HTML 2Page - Renesas Technology Corp RD74LVC1G04 Datasheet HTML 3Page - Renesas Technology Corp RD74LVC1G04 Datasheet HTML 4Page - Renesas Technology Corp RD74LVC1G04 Datasheet HTML 5Page - Renesas Technology Corp RD74LVC1G04 Datasheet HTML 6Page - Renesas Technology Corp RD74LVC1G04 Datasheet HTML 7Page - Renesas Technology Corp RD74LVC1G04 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RD74LVC1G04
Rev.1.00 Oct. 06, 2005 page 6 of 7
90%
10%
tPHL
tPLH
VCC
GND
VOH
VOL
tr
tf
90%
Vref
Vref
Vref
Vref
10%
1.8±0.15
2.5±0.2
3.3±0.3
5.0±0.5
VI
CL
RL
VCC
VCC / 2
VCC / 2
VCC / 2
Vref
VCC (V)
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
VCC
VCC
3 V
15 pF
1 M
1 M
1 M
1 M
15 pF
15 pF
15 pF
1.5 V
INPUTS
tr / tf
1.8±0.15
2.5±0.2
3.3±0.3
5.0±0.5
VI
CL
RL
VCC
VCC / 2
VCC / 2
VCC / 2
Vref
VCC (V)
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
VCC
VCC
3 V
30 pF
1.0 k
500
500
500
30 pF
50 pF
50 pF
1.5 V
INPUTS
tr / tf
• Waveforms
Input
Output
Notes: 1. Input waveform: PRR
≤ 10 MHz, Zo = 50 Ω.
2. The output are measured one at a time with one transition per measurement.


Similar Part No. - RD74LVC1G04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G00WPE RENESAS-RD74LVC1G00WPE Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G02 RENESAS-RD74LVC1G02 Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G02WPE RENESAS-RD74LVC1G02WPE Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
   Single Buffer / Driver with Open Drain
More results

Similar Description - RD74LVC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com