Electronic Components Datasheet Search |
|
M38507M8A-XXXSP Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
M38507M8A-XXXSP Datasheet(HTML) 3 Page - Renesas Technology Corp |
3 / 88 page Rev.2.10 2005.11.14 page 3 of 86 REJ03B0093-0210 3850 Group (Spec.A) VCC, VSS Functions Name Pin •Apply voltage of 2.7 V – 5.5 V to Vcc, and 0 V to Vss. •This pin controls the operation mode of the chip. •Normally connected to VSS. •Reference voltage input pin for A/D converter. •Analog power source input pin for A/D converter. •Connect to Vss. •Reset input pin for active “L”. •Input and output pins for the clock generating circuit. •Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the oscillation frequency. •When an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open. •8-bit CMOS I/O port. •I/O direction register allows each pin to be individually programmed as either input or output. •CMOS compatible input level. •CMOS 3-state output structure. •Pull-up control is enabled in a byte unit. •P10 to P17 (8 bits) are enabled to output large current for LED drive. •8-bit CMOS I/O port. •I/O direction register allows each pin to be individually programmed as either input or output. •CMOS compatible input level. •P20, P21, P24 to P27: CMOS3-state output structure. •P22, P23: N-channel open-drain structure. •Pull-up control of P20, P21, P24–P27 is enabled in a byte unit. Power source Table 1 Pin description Function except a port function Analog power source Reset input I/O port P0 CNVSS input CNVSS VREF Reference voltage AVss RESET XIN I/O port P1 • Serial I/O2 function pin • Sub-clock generating circuit I/O pins (connect a resonator) I/O port P2 I/O port P3 I/O port P4 • Serial I/O1 function pin • Serial I/O1 function pin/ Timer X function pin • A/D converter input pin • Timer Y function pin • Interrupt input pins • Interrupt input pin • SCMP2 output pin • Interrupt input pin • PWM output pin •5-bit CMOS I/O port with the same function as port P0. •CMOS compatible input level. •CMOS 3-state output structure. •Pull-up control is enabled in a bit unit. •5-bit CMOS I/O port with the same function as port P0. •CMOS compatible input level. •CMOS 3-state output structure. •Pull-up control is enabled in a bit unit. • A/D converter input pin Clock output XOUT P00/SIN2 P01/SOUT2 P02/SCLK2 P03/SRDY2 P04/AN5–P07/AN8 Clock input P10–P17 P20/XCOUT P21/XCIN P22 P23 P24/RxD P25/TxD P26/SCLK1 P27/CNTR0/ SRDY1 P30/AN0– P34/AN4 P40/CNTR1 P41/INT0 P42/INT1 P43/INT2/SCMP2 P44/INT3/PWM |
Similar Part No. - M38507M8A-XXXSP |
|
Similar Description - M38507M8A-XXXSP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |