Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4053P Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HC4053P
Description  Dual 4-channel Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4053P Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74HC4053P Datasheet HTML 4Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 5Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 6Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 7Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 8Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 9Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 10Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 11Page - Renesas Technology Corp HD74HC4053P Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD74HC4052, HD74HC4053
Rev.2.00 Mar 30, 2006 page 8 of 11
RON: ON Resistance
VCC
Vin
VI-O
Vout
VCC
(ON)
I/O
O/I
GND
VEE
V
IS (OFF): OFF Channel Leakage Current (Switch OFF)
VCC
Vin = VCC
or GND
Vout = VSS
or VCC
VCC
(OFF)
I/O
GND
VEE
A
IS (ON): OFF Channel Leakage Current (Switch ON)
VCC
Vin = VCC
or GND
Vout
OPEN
VCC
(ON)
I/O
GND
VEE
A
tPLH, tPHL: Propagation Delay Time (Switch Input to Switch Output)
VCC
Vin
Vout
VCC
Vin
Vout
VOL
VOH
GND
RL =
10 k
CL =
50 pF
VCC
(ON)
GND
VEE
tf
tr
tPLH
tPHL
90%
10%
50%
50%


Similar Part No. - HD74HC4053P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4053P RENESAS-HD74HC4053P Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results

Similar Description - HD74HC4053P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com