Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC2G17 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RD74LVC2G17
Description  Dual Schmitt-trigger Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC2G17 Datasheet(HTML) 6 Page - Renesas Technology Corp

  RD74LVC2G17 Datasheet HTML 1Page - Renesas Technology Corp RD74LVC2G17 Datasheet HTML 2Page - Renesas Technology Corp RD74LVC2G17 Datasheet HTML 3Page - Renesas Technology Corp RD74LVC2G17 Datasheet HTML 4Page - Renesas Technology Corp RD74LVC2G17 Datasheet HTML 5Page - Renesas Technology Corp RD74LVC2G17 Datasheet HTML 6Page - Renesas Technology Corp RD74LVC2G17 Datasheet HTML 7Page - Renesas Technology Corp RD74LVC2G17 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RD74LVC2G17
Rev.1.00 Jul 26, 2006 page 6 of 7
90%
10%
tPLH
tPHL
VCC
GND
VOH
VOL
tr
tf
90%
Vref
Vref
Vref
Vref
10%
1.8±0.15
2.5±0.2
3.3±0.3
5.0±0.5
VI
CL
RL
VCC
VCC / 2
VCC / 2
VCC / 2
Vref
VCC (V)
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
VCC
VCC
3 V
30 pF
1.0 k
500
500
500
30 pF
50 pF
50 pF
1.5 V
Inputs
tr / tf
• Waveforms
Input
Output
Notes: 1. Input waveform: PRR
≤ 10 MHz, Zo = 50 Ω.
2. The output are measured one at a time with one transition per measurement.


Similar Part No. - RD74LVC2G17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC2G125 RENESAS-RD74LVC2G125 Datasheet
1Mb / 8P
   Dual Bus Buffer with 3-state Output
RD74LVC2G125WPE RENESAS-RD74LVC2G125WPE Datasheet
1Mb / 8P
   Dual Bus Buffer with 3-state Output
More results

Similar Description - RD74LVC2G17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP2G17 DIODES-74AUP2G17 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
logo
Unisonic Technologies
U74AHC17 UTC-U74AHC17 Datasheet
156Kb / 5P
   HEX SCHMITT-TRIGGER BUFFERS
logo
Renesas Technology Corp
HD74ALVC2G14 RENESAS-HD74ALVC2G14 Datasheet
89Kb / 10P
   Triple Schmitt-trigger Inverter Buffers
HD74ALVC2G14 RENESAS-HD74ALVC2G14_15 Datasheet
113Kb / 12P
   Triple Schmitt-trigger Inverter Buffers
logo
Motorola, Inc
MC14583B MOTOROLA-MC14583B Datasheet
227Kb / 8P
   Dual Schmitt Trigger
logo
List of Unclassifed Man...
SN54LS310 ETC1-SN54LS310 Datasheet
618Kb / 8P
   8-BIT BUFFERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com