Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC126BTELL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD74LVC126BTELL
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC126BTELL Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD74LVC126BTELL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC126BTELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RD74LVC126B
Rev.2.00 Dec. 10, 2004 page 3 of 8
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
1.5 to 5.5
Data hold
Supply voltage
VCC
1.65 to 5.5
V
At operation
VI
0 to 5.5
V
0 to VCC
Output "H" or "L"
Input / output voltage
VO
0 to 5.5
V
Output "Z" or VCC: OFF
Operating temperature
Ta
–40 to 85
°C
–4
VCC = 1.65 V
–8
VCC = 2.3 V
–12
VCC = 2.7 V
IOH
–24
mA
VCC = 3.0 V to 5.5 V
4
VCC = 1.65 V
8
VCC = 2.3 V
12
VCC = 2.7 V
Output current
IOL
24
mA
VCC = 3.0 V to 5.5 V
20
VCC = 1.65 V to 2.7 V
Input rise / fall time
*1
tr, tf
10
ns/V
VCC = 3.0 V to 5.5 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.


Similar Part No. - RD74LVC126BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC126BTELL RENESAS-RD74LVC126BTELL Datasheet
125Kb / 11P
   Quad. Bus Buffer Gates with 3-state Outputs
More results

Similar Description - RD74LVC126BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com