Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D2FDXXXFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38D2FDXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2FDXXXFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38D2FDXXXFP Datasheet HTML 1Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 2Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 3Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 5 of 131
REJ03B0177-0302
38D2 Group
PIN DESCRIPTION
Table 2
Pin description (1)
Pin
Name
Function
Function except a port function
VCC, VSS
Power source
• Apply 1.8 to 5.5 V to VCC, and 0 V to VSS.
RESET
Reset input
• Reset input pin for active “L”.
XIN
Clock input
• Input and output pins for the main clock generating circuit.
• Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to
set the oscillation frequency. When an external clock is used, connect the clock source to
XIN, and leave XOUT pin open.
• Feedback resistor is built in between XIN pin and XOUT pin.
XOUT
Clock output
VL3
LCD power
source
• Input 0
≤ VL1 ≤ VL2 ≤ VL3 voltage.
• Input 0
− VL3 voltage to LCD.
COM0
COM3
Common output
• LCD common output pins.
•COM2 and COM3 are not used at 1/2 duty ratio.
•COM3 is not used at 1/3 duty ratio.
P00/SEG0/(KW4)
P03/SEG3/(KW7)
I/O port P0
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in a bit unit.
• LCD segment
output pins
• Key input interrupt
input pins
P04/SEG4
P07/SEG7
P10/SEG8
P17/SEG15
I/O port P1
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in a bit unit.
P20/SEG16
P25/SEG21
I/O port P2
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in a bit unit.
P26/SEG22/VL1
P27/SEG23/VL2
• LCD power source
pins
P30/SRDY2/(LED0)
P31/SCLK2/(LED1)
P32/TxD2/(LED2)
P33/RxD2/(LED3)
I/O port P3
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in 4-bit unit.
• Serial I/O2 function pins
P34/INT2/(LED4)
• External interrupt pin
P35/TXOUT1/(LED5)
P36/T2OUT/CKOUT/
(LED6)
• Timer X, Timer 2 output pins
P37/CNTR0/TXOUT2/
(LED7)
• Timer X function pin
P40/OOUT0/AN0
P41/OOUT1/AN1
I/O port P4
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in 4-bit unit.
• A/D convertor
input pins
• Oscillation
external output
pins
P42/AN2/ADKEY
•ADKEY
P43/AN3
−P45/AN5
P46/RTP0/AN6
P47/RTP1/AN7
• Real time port
function pins
P50/INT0
P51/INT1
I/O port P5
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in 4-bit unit
• External input pins
P52/T3OUT/PWM0
P53/T4OUT/PWM1
• Timer 3, Timer 4 output pins
• PWM output pins
P54/RxD1/(KW0)
P55/TxD1/(KW1)
P56/SCLK1/(KW2)
P57/SRDY1/(KW3)
• Serial I/O1 function pins
• Key input interrupt input pins


Similar Part No. - M38D2FDXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D50F1-XXXFP RENESAS-M38D50F1-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1-XXXHP RENESAS-M38D50F1-XXXHP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXFP RENESAS-M38D50F1XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXHP RENESAS-M38D50F1XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F2-XXXFP RENESAS-M38D50F2-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D2FDXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com