Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4066P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC4066P
Description  Quad Analog Switches/Quad Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4066P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC4066P Datasheet HTML 1Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 2Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 3Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 4Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 5Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 6Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 7Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 8Page - Renesas Technology Corp HD74HC4066P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC4066
Rev.2.00 Mar 30, 2006 page 5 of 9
Test Circuit
Maximum Control Frequency
VCC
VCC
Vout
GND
VCC
Vout
Vcc/2
VC
0 V
RL =
1 k
CL =
15 pF
VC
Vin = VCC
Cross talk (Control Input to Switch Output)
VCC
VC
Vin
Rin =
600
R
L =
600
C
L =
50 pF
VCC
Vout
VCC/2
VCC/2
GND
VCC
90%
tf
tr
10%
tr = tr = 6 ns
GND
(f = 1 MHz)
10%
VC
Feed through Attenuation
VCC
fin
Rin =
600
RL =
600
CL =
50 pF
VCC
(OFF)
Vin
0.1
µF
Vout
VCC/2
VCC/2
GND
Vin
(Sine Wave)
(Vin = 0 dBm, f = 1 MHz)
VC = GND
Sine Wave Distortion
VCC
fin
RL =
10 k
CL =
50 pF
VCC
(ON)
Vin
10
µF
Vout
VCC/2
GND
Vin
(Sine Wave)
(Vin = 4 Vp-p, f = 1 kHz)
VC = VCC


Similar Part No. - HD74HC4066P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066P RENESAS-HD74HC4066P Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
More results

Similar Description - HD74HC4066P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A_06 Datasheet
517Kb / 12P
   Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com