Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4511 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC4511
Description  BCD-to-Seven Segment Latch/Decoder/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4511 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74HC4511 Datasheet HTML 1Page - Renesas Technology Corp HD74HC4511 Datasheet HTML 2Page - Renesas Technology Corp HD74HC4511 Datasheet HTML 3Page - Renesas Technology Corp HD74HC4511 Datasheet HTML 4Page - Renesas Technology Corp HD74HC4511 Datasheet HTML 5Page - Renesas Technology Corp HD74HC4511 Datasheet HTML 6Page - Renesas Technology Corp HD74HC4511 Datasheet HTML 7Page - Renesas Technology Corp HD74HC4511 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74HC4511
Rev.2.00 Mar 30, 2006 page 6 of 7
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
15°
20.32
7.4
0.40
0.48
1.12
2.54
1
p
3
1
8
16
9
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP16-6.3x19.2-2.54
1.05g
MASS[Typ.]
DP-16FV
PRDP0016AE-B
RENESAS Code
JEITA Package Code
Previous Code
0.80
0.15
1.27
7.50
8.00
0.40
0.34
A1
10.5
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
0.12
1.15
10.06
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
L
A
*1
8
1
16
9
xM
p
*3
y
F
Index mark
b
D
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP16-5.5x10.06-1.27
0.24g
MASS[Typ.]
FP-16DAV
PRSP0016DH-B
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74HC4511

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4511 HITACHI-HD74HC4511 Datasheet
59Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
More results

Similar Description - HD74HC4511

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com