Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4066FPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC4066FPEL
Description  Quad Analog Switches/Quad Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4066FPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC4066FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC4066FPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 9
HD74HC4066
Quad Analog Switches/Quad Multiplexers
REJ03D0651-0200
(Previous ADE-205-538)
Rev.2.00
Mar 30, 2006
Description
This switch has low “on” resistance and low “off” leakage. It is a bidirectional switch, thus any analog input may be
used as an output and vice-versa. Also the HD74HC4066 switch contains linearization circuitry which lowers the “on”
resistance and increases switch linearity. The HD74HC4066 device allows control of up to 12 V (peak) analog signals
with digital control signals of the same range. Each switch has its own control input which disables each switch when
low.
Features
• High Speed Operation
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC4066P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
HD74HC4066FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC4066RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74HC4066TELL
TSSOP-14 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Control
Switch
L
OFF
H
ON
GND
≤ Vin ≤ VCC
GND
≤ Vout ≤ VCC


Similar Part No. - HD74HC4066FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066FPEL RENESAS-HD74HC4066FPEL Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
More results

Similar Description - HD74HC4066FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A_06 Datasheet
517Kb / 12P
   Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com