Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC574BFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD74LVC574BFPEL
Description  Octal D-type Flip Flops with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC574BFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

  RD74LVC574BFPEL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC574BFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RD74LVC574B
Rev.1.00, Apr.15.2004, page 7 of 8
Waveforms – 2
tw
ts
th
GND
GND
tr
90 % 90 %
10 %
tf
10 %
tw
Input CK
Input D
VIH
VIH
Vref
Vref
Vref
Vref
Vref
Note:
Input waveform: PRR = 10 MHz, duty cycle 50%.
Waveforms – 3
V
∆V
OH
V
+
∆V
OL
tZL
tLZ
tZH
tHZ
tf
tr
90 %
10 %
90 %
10 %
VOH
VOL
GND
Waveform - A
Input OC
Waveform - B
VIH
≈ GND
≈ 1/2VTT
Vref
Vref
Vref
Vref
VCC (V)
VIH
Vref
VTT
CL
RL
tr/tf
VCC
VCC
1/2 VCC
2
× VCC
2
× VCC
2
× VCC
1/2 VCC
1/2 VCC
VCC
INPUTS
VCC = 1.8±0.15 V
VCC = 2.5±0.2 V
VCC = 3.3±0.3 V
VCC = 5.0±0.5 V
VCC = 2.7 V
2.7 V
1.5 V
1.0 k
500
500
500
500
6 V
30 pF
30 pF
50 pF
50 pF
50 pF
6 V
0.15 V
0.15 V
0.3 V
0.3 V
0.3 V
∆V
1.5 V
2.7 V
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
≤ 2.5 ns
Notes:
1.
Input waveform : PRR = 10 MHz, duty cycle 50%.
2.
Waveform – A shows input conditions such that the output is "L" level when enable by the
output control.
3.
Waveform – B shows input conditions such that the output is "H" level when enable by the
output control.


Similar Part No. - RD74LVC574BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC574BFPEL RENESAS-RD74LVC574BFPEL Datasheet
106Kb / 11P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC574BFPEL RENESAS-RD74LVC574BFPEL Datasheet
105Kb / 11P
   Octal D-type Flip Flops with 3-state Outputs
Apr.15.2004
More results

Similar Description - RD74LVC574BFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com