Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC16240BTEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RD74LVC16240BTEL
Description  16-bit Buffers / Line Drivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC16240BTEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  RD74LVC16240BTEL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC16240BTEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RD74LVC16240B
Rev.1.00 Mar. 14, 2005 page 6 of 8
Test Circuit
VCC
VCC
1
G to 4G
Input
Pulse generator
Z
= 50
out
Output
CL
RL
RL
VTT
VTT
OPEN
GND
S1
1A1 to 4A4
1
Y1 to 4Y4
Symbol
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Note:
1.
CL includes probe and jig capacitance.
Waveforms – 1
tPLH
tPHL
VOH
VOL
Input A
10 %
GND
90 %
tf
tr
10 %
90 %
Output
Y
Vref
Vref
Vref
Vref
VIH
Notes:
1.
Input waveform : PRR = 10 MHz, ZO = 50
Ω, duty cycle 50%


Similar Part No. - RD74LVC16240BTEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC16244B RENESAS-RD74LVC16244B Datasheet
77Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
RD74LVC16244BTEL RENESAS-RD74LVC16244BTEL Datasheet
77Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
RD74LVC16245B RENESAS-RD74LVC16245B Datasheet
81Kb / 8P
   16-bit Bus Transceivers with 3-state Outputs
RD74LVC16245BTEL RENESAS-RD74LVC16245BTEL Datasheet
81Kb / 8P
   16-bit Bus Transceivers with 3-state Outputs
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
More results

Similar Description - RD74LVC16240BTEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16241 HITACHI-HD74LVC16241 Datasheet
47Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16541 HITACHI-HD74LVC16541 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com