Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC16245B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RD74LVC16245B
Description  16-bit Bus Transceivers with 3-state Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC16245B Datasheet(HTML) 5 Page - Renesas Technology Corp

  RD74LVC16245B Datasheet HTML 1Page - Renesas Technology Corp RD74LVC16245B Datasheet HTML 2Page - Renesas Technology Corp RD74LVC16245B Datasheet HTML 3Page - Renesas Technology Corp RD74LVC16245B Datasheet HTML 4Page - Renesas Technology Corp RD74LVC16245B Datasheet HTML 5Page - Renesas Technology Corp RD74LVC16245B Datasheet HTML 6Page - Renesas Technology Corp RD74LVC16245B Datasheet HTML 7Page - Renesas Technology Corp RD74LVC16245B Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RD74LVC16245B
Rev.1.00 Apr. 18, 2005 page 5 of 7
Test Circuit
VCC
1A1 to 1A8
2A1 to 2A8
1B1 to 1B8
2B1 to 2B8
OPEN
C
1
G, 2G
1DIR, 2DIR
Pulse
Generator
Zout = 50 Ω
Input
S1
GND
VTT
VTT
Output
VCC
S2
L
RL
RL
Symbol
S2
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Notes:
1. CL includes probe and jig capacitance.
2. S1: Input-Output change switch.
Waveforms – 1
tPLH
tPHL
VOH
VOL
Input
10 %
GND
90 %
tr
tf
90 %
10 %
Output
VIH
Vref
Vref
Vref
Vref
Note: 1. Input waveform: PRR = 10 MHz, Zo = 50
Ω, duty cycle 50%.


Similar Part No. - RD74LVC16245B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
More results

Similar Description - RD74LVC16245B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com