Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74VT1G32CLE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD74VT1G32CLE
Description  2-input OR Gate / Dual Supply Voltage Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74VT1G32CLE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD74VT1G32CLE Datasheet HTML 1Page - Renesas Technology Corp RD74VT1G32CLE Datasheet HTML 2Page - Renesas Technology Corp RD74VT1G32CLE Datasheet HTML 3Page - Renesas Technology Corp RD74VT1G32CLE Datasheet HTML 4Page - Renesas Technology Corp RD74VT1G32CLE Datasheet HTML 5Page - Renesas Technology Corp RD74VT1G32CLE Datasheet HTML 6Page - Renesas Technology Corp RD74VT1G32CLE Datasheet HTML 7Page - Renesas Technology Corp RD74VT1G32CLE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RD74VT1G32
Rev.1.00 Apr. 14, 2005 page 3 of 7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCCIN, VCCOUT
–0.5 to 4.6
V
Input voltage range
*1
VI
–0.5 to 4.6
V
–0.5 to VCCOUT+0.5
Output: “H” or “L”
Output voltage range
*1, 2
VO
–0.5 to 4.6
V
VCCOUT: OFF
Input clamp current
IIK
–50
mA
VI < 0
–50
VO < 0
Output clamp current
IOK
50
mA
VO > VCC+0.5
Continuous output current
IO
±50
mA
Continuous output current
VCC or GND
ICCIN, ICCOUT, IGND
±100
mA
Package Thermal impedance
θja
123
°C/W
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 4.6 V maximum.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
VCCIN
1.2 to 3.6
Supply voltage range
VCCOUT
1.2 to 3.6
V
VI
0 to 3.6
V
0 to VCCOUT
Output: “H” or “L”
Input/Output voltage
VO
0 to 3.6
V
VCCOUT: OFF
–2
VCCOUT = 1.2 V
–4
VCCOUT = 1.5±0.1 V
–6
VCCOUT = 1.8±0.15 V
–18
VCCOUT = 2.5±0.2 V
IOH
–24
mA
VCCOUT = 3.3±0.3 V
2
VCCOUT = 1.2 V
4
VCCOUT = 1.5±0.1 V
6
VCCOUT = 1.8±0.15 V
18
VCCOUT = 2.5±0.2 V
Output current
IOL
24
mA
VCCOUT = 3.3±0.3 V
Input transition rise or fall time
∆t / ∆v
10
ns / V
Operation free-air temperature
Ta
–40 to 85
°C


Similar Part No. - RD74VT1G32CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G00 RENESAS-RD74VT1G00 Datasheet
2Mb / 8P
   2-input NAND Gate / Dual Supply Voltage Translator
RD74VT1G00CLE RENESAS-RD74VT1G00CLE Datasheet
2Mb / 8P
   2-input NAND Gate / Dual Supply Voltage Translator
RD74VT1G02 RENESAS-RD74VT1G02 Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G02CLE RENESAS-RD74VT1G02CLE Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G04 RENESAS-RD74VT1G04 Datasheet
2Mb / 8P
   Single Inverter Buffer / Dual Supply Voltage Translator
More results

Similar Description - RD74VT1G32CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G86 RENESAS-RD74VT1G86 Datasheet
2Mb / 9P
   2-input Exclusive-OR Gate / Dual Supply Voltage Translator
RD74VT1G08 RENESAS-RD74VT1G08 Datasheet
2Mb / 8P
   2-input AND Gate / Dual Supply Voltage Translator
RD74VT1G00 RENESAS-RD74VT1G00 Datasheet
2Mb / 8P
   2-input NAND Gate / Dual Supply Voltage Translator
RD74VT1G02 RENESAS-RD74VT1G02 Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
logo
Nexperia B.V. All right...
74AXP1T32 NEXPERIA-74AXP1T32 Datasheet
225Kb / 14P
   Dual supply 2-input OR gate
74AUP1T32 NEXPERIA-74AUP1T32 Datasheet
202Kb / 15P
   Low-power 2-input OR-gate with voltage-level translator
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com