Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HCT564 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HCT564
Description  Octal D-type Flip-Flops (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT564 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74HCT564 Datasheet HTML 1Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 2Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 3Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 4Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 5Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 6Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 7Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 8Page - Renesas Technology Corp HD74HCT564 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74HCT564, HD74HCT574
Rev.2.00 Mar 30, 2006 page 7 of 8
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
24.50
6.30
5.08
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
15°
25.40
7.00
0.40
0.48
1.27
2.54
1
p
3
1
10
20
11
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP20-6.3x24.5-2.54
1.26g
MASS[Typ.]
DP-20NEV
PRDP0020AC-B
RENESAS Code
JEITA Package Code
Previous Code
0.935
0.15
1.27
10.00
10.65
0.40
0.34
A1
13.2
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.65
1.27
0.70
0.40
7.50
0.30
0.20
0.10
0.46
0.30
0.25
0.20
10.40
0.12
1.45
12.80
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
11
20
10
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
@ DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
@ INCLUDE TRIM OFFSET.
P-SOP20-7.5x12.8-1.27
0.52g
MASS[Typ.]
FP-20DBV
PRSP0020DC-A
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74HCT564

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
More results

Similar Description - HD74HCT564

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com