Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38264E1FS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38264E1FS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264E1FS Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38264E1FS Datasheet HTML 1Page - Renesas Technology Corp M38264E1FS Datasheet HTML 2Page - Renesas Technology Corp M38264E1FS Datasheet HTML 3Page - Renesas Technology Corp M38264E1FS Datasheet HTML 4Page - Renesas Technology Corp M38264E1FS Datasheet HTML 5Page - Renesas Technology Corp M38264E1FS Datasheet HTML 6Page - Renesas Technology Corp M38264E1FS Datasheet HTML 7Page - Renesas Technology Corp M38264E1FS Datasheet HTML 8Page - Renesas Technology Corp M38264E1FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
DESCRIPTION
The 3826 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3826 group has the LCD drive control circuit, an 8-channel A/
D converter, D/A converter, serial interface and PWM as additional
functions.
The various microcomputers in the 3826 group (One Time PROM
version) include variations of internal memory size and packaging.
This datasheet describes only the One Time PROM version (ROM
60 K version) of 3826 Group.
FEATURES
Basic machine-language instructions ....................................... 71
The minimum instruction execution time ............................ 0.5 µs
(at 8MHz oscillation frequency)
Memory size
ROM ............................................................................. 60 K bytes
RAM ............................................................................ 2560 bytes
Programmable input/output ports ............................................. 55
Software pull-up resistors .................................................... Built-in
Output ports ................................................................................. 8
Input ports .................................................................................... 1
Interrupts .................................................. 17 sources, 16 vectors
External ................ 7 sources (includes key input interrupt)
Internal ................................................................ 9 sources
Software ................................................................ 1 source
Timers ............................................................ 8-bit ✕ 3, 16-bit ✕ 2
Serial interface
Serial I/O1 ...................... 8-bit ✕ 1 (UART or Clock-synchronous)
Serial I/O2 .................................... 8-bit ✕ 1 (Clock-synchronous)
PWM output .................................................................... 8-bit ✕ 1
A/D converter ............. 10-bit ✕ 8 channels or 8-bit ✕ 8 channels
D/A converter .................................................. 8-bit ✕ 2 channels
(used as DTMF and CTCSS function)
LCD drive control circuit
Bias ......................................................................... 1/2, 1/3
Duty .................................................................. 1/2, 1/3, 1/4
Common output ................................................................ 4
Segment output .............................................................. 40
2 Clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
Watchdog timer ............................................................. 14-bit ✕ 1
Power source voltage
In high-speed mode (f(XIN) = 8 MHz) ..................... 4.0 V to 5.5 V
In middle-speed mode (f(XIN) = 8 MHz) ................. 2.5 V to 5.5 V
In low-speed mode .................................................. 2.5 V to 5.5 V
Power dissipation
In high-speed mode ................................................... Typ. 32 mW
(f(XIN) = 8 MHz, VCC = 5 V, Ta = 25 °C)
In low-speed mode ...................................................... Typ. 45 µW
(f(XIN) = stop, f(XCIN) = 32 kHz, VCC = 3 V, Ta = 25 °C)
Operating temperature range ................................... – 20 to 85°C
APPLICATIONS
Camera, cordless phone, wireless application, household appli-
ances, etc.
3826 Group (One Time PROM version)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0181-0100
Rev.1.00
Sep 06, 2006
Rev.1.00
Sep 06, 2006
page 1 of 88
REJ03B0181-0100


Similar Part No. - M38264E1FS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38264M1AXXXFP RENESAS-M38264M1AXXXFP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M1AXXXGP RENESAS-M38264M1AXXXGP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M2AXXXFP RENESAS-M38264M2AXXXFP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M2AXXXGP RENESAS-M38264M2AXXXGP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M3AXXXFP RENESAS-M38264M3AXXXFP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38264E1FS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com