Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRU0103C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HRU0103C
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRU0103C Datasheet(HTML) 5 Page - Renesas Technology Corp

  HRU0103C Datasheet HTML 1Page - Renesas Technology Corp HRU0103C Datasheet HTML 2Page - Renesas Technology Corp HRU0103C Datasheet HTML 3Page - Renesas Technology Corp HRU0103C Datasheet HTML 4Page - Renesas Technology Corp HRU0103C Datasheet HTML 5Page - Renesas Technology Corp HRU0103C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HRU0103C
REJ03G0071-0200 Rev.2.00 Apr 08, 2008
Page 5 of 5
Package Dimensions
b
D
E HE
A1
A2
b2
l1
l1
e1
Pattern of terminal position areas
0-
0.1
A1
0.75
0.90
1.05
A2
0.15
0.30
0.45
1.10
1.25
1.40
b
1.55
1.70
1.85
2.35
2.65
-0.80
2.50
-
-2.30
-
D
-0.80
-
E
HE
b2
e1
l1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-76A
0.004g
MASS[Typ.]
URP / URPV
PTSP0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
URP


Similar Part No. - HRU0103C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HRU0103C RENESAS-HRU0103C Datasheet
115Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRU0103C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com