Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJL5020DPK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJL5020DPK
Description  Silicon N Channel MOSFET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJL5020DPK Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJL5020DPK Datasheet HTML 1Page - Renesas Technology Corp RJL5020DPK Datasheet HTML 2Page - Renesas Technology Corp RJL5020DPK Datasheet HTML 3Page - Renesas Technology Corp RJL5020DPK Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REJ03G1733-0400 Rev.4.00 Aug 29, 2008
Page 1 of 3
RJL5020DPK
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1733-0400
Rev.4.00
Aug 29, 2008
Features
• Built-in fast recovery diode
• Low on-resistance
• Low leakage current
• High speed switching
Outline
RENESAS Package code: PRSS0004ZE-A
(Package name:TO-3P)
1
2
3
D
S
G
1. Gate
2. Drain (Flange)
3. Source
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
500
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
38
A
Drain peak current
ID (pulse)
Note1
114
A
Body-drain diode reverse drain current
IDR
38
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
114
A
Avalanche current
IAP
Note3
12.5
A
Avalanche energy
EAR
Note3
8.6
mJ
Channel dissipation
Pch
Note2
200
W
Channel to case thermal impedance
θch-c
0.625
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C


Similar Part No. - RJL5020DPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJL5020DPK RENESAS-RJL5020DPK Datasheet
86Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5020DPK-00-T0 RENESAS-RJL5020DPK-00-T0 Datasheet
86Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5020DPK RENESAS-RJL5020DPK_11 Datasheet
86Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5020DPK RENESAS-RJL5020DPK_15 Datasheet
86Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJL5020DPK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
   SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJK6026DPP RENESAS-RJK6026DPP Datasheet
105Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004LD RENESAS-H7N1004LD_15 Datasheet
126Kb / 14P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJL6013DPP RENESAS-RJL6013DPP Datasheet
108Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL_15 Datasheet
137Kb / 11P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004FM RENESAS-H7N1004FM_12 Datasheet
94Kb / 8P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004LM RENESAS-H7N1004LM Datasheet
98Kb / 12P
   Silicon N-Channel MOSFET High-Speed Power Switching
HS54097 RENESAS-HS54097 Datasheet
71Kb / 4P
   Silicon N Channel MOSFET High Speed Power Switching
H5N2305PF RENESAS-H5N2305PF Datasheet
87Kb / 10P
   Silicon N Channel MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com